Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DL2LG Datasheet(PDF) 3 Page - CIT Relay & Switch

Part # DL2LG
Description  CIT SWITCH
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

DL2LG Datasheet(HTML) 3 Page - CIT Relay & Switch

  DL2LG Datasheet HTML 1Page - CIT Relay & Switch DL2LG Datasheet HTML 2Page - CIT Relay & Switch DL2LG Datasheet HTML 3Page - CIT Relay & Switch DL2LG Datasheet HTML 4Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.citswitch.com
page
131
phone – 763.535.2339 fax – 763.535.2194
CONTACT OPTIONS
Designator
Contact Material
Terminal Material
Electrical Ratings
Q
Silver Plating
Silver Plating
500mA @ 120VAC, 1A @ 28VDC
R
Gold over Nickel Plating
Gold over Nickel Plating
0.4VA max @ 20VAC or VDC max
CAP OPTIONS
C11_
1 = White, 2 = Black, 3 = Red, 9 = Gray
Contact Factory for other available colors
C12_
1 = White, 2 = Black, 3 = Red, 9 = Gray
Contact Factory for other available colors
C13_
1 = White, 2 = Black, 3 = Red, 9 = Gray
Contact Factory for other available colors
C14_
1 = White, 2 = Black, 3 = Red, 9 = Gray
Contact Factory for other available colors
C15_
2 = Black, 0 = Clear
Contact Factory for other available colors
C16_
1 = White, 2 = Black, 3 = Red, 7 = Blue
Contact Factory for other available colors
C18_
1 = White, 2 = Black, 9 = Light Gray
Contact Factory for other available colors
C19_
1 = White, 2 = Black, 3 = Red, 8 = Dark Gray
Contact Factory for other available colors
C20_ _
Housing Color: 2 = Black, 9 = Light Gray
Indicator Color: 1 = White, 4 = Yellow, 5 = Green, 7 = Blue
Contact Factory for other available colors
C21_ _
Housing Color: 2 = Black, 9 = Light Gray
Indicator Color: 1 = White, 4 = Yellow, 5 = Green, 7 = Blue
Contact Factory for other available colors
DL



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com