Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC8005 Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS

Part # KBPC8005
Description  SINGLE-PHASE BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

KBPC8005 Datasheet(HTML) 1 Page - MIC GROUP RECTIFIERS

  KBPC8005 Datasheet HTML 1Page - MIC GROUP RECTIFIERS KBPC8005 Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MASTER INSTRUMENT CORPORATION
SINGLE-PHASE BRIDGE RECTIFIER
KBPC8005 THRU KBPC810
BR805 THRU BR810
VOLTAGE RANGE
CURRENT
50 to 1000 Volts
8.0 Amperes
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
1/2
FEATURES
l Low cost
l This series is UL recognized under component
index, file number E127707
l High forward surge current capability
l Ideal for printed circuit board
l High isolation voltage from case to leads
l High temperature soldering guaranteed:
260
oC/10 second, at 5 lbs. (2.3kg) tension.
MECHANICAL DATA
l Case: Molded plastic body
l Terminal: Lead solderable per MIL-STD-202E
method 208C.
l Polarity: Polarity symbols molded on case
l Mounting: Thru hole for #6 screw, 5.0 in.-lbs torque max.
l Weight:0. 20ounce, 5.62 grams
0.77( 19.6)
0.73( 18.5)
0.52( 13.2)
0.48( 12.2)
AC
+
0.52( 13.2)
0.48( 12.2)
-
AC
0.73( 18.5)
0.77( 19.6)
0.07( 1.8) x45
0.14( 3.6) DIA
0.16( 4.1)
0.052( 1.3) DIA.
0.048( 1.2) TYP.
0.85( 21.6) MIN
0.75( 19.0) MIN
0.30( 7.6)
0.25( 6.4)
0.08( 2.0) MIN
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load derate current by 20%.
SYMBOLS
BR805
KBPC8005
BR81
KBPC801
BR82
KBPC802
BR84
KBPC804
BR86
KBPC806
BR88
KBPC808
BR810
KBPC810
UNITS
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
Volts
TC=50℃(Note1)
8.0
TC=100℃(Note1)
6.0
Maximum Average Forward
Rectified Output Current, at
TA=50℃(Note2)
I(AV)
6.0
Amps
Peak Forward Surge Current 8.3ms single half sine-wave
superimposed on rated load (JEDEC Method)
IFSM
125
Amps
Rating for Fusing(t<8.3ms)
I
2T
64
A
2S
Maximum Instantaneous Forward Voltage at 4.0A
VF
1.1
Volts
TA=25
oC
5.0
µAmps
Maximum DC Reverse Current at rated
DC blocking voltage
TA=150
oC
IR
1.0
mAmps
Isolation Voltage from case to leads
VISO
2500
VAC
Typical Thermal Resistance (Note 1)
RθJC
6.0
℃/W
Operating Temperature Range
TJ
-55 to +150
℃
Storage Temperature Range
TSTG
-55 to +150
℃
NOTES:
1.
Unit mounted on 8.7”×8.7”×0.24” thick (22×22×0.6 cm) Al. plate.
2.
Unit mounted on P.C.B at 0.375” (9.5mm) lead length with 0.47”×0.47” (12×12mm) copper pads.


Similar Part No. - KBPC8005

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
KBPC8005 SEMTECH-KBPC8005 Datasheet
126Kb / 2P
8.0A SINGLE - PHASE SILICON BRIDGE???
logo
Shanghai Sunrise Electr...
KBPC8005 SSE-KBPC8005 Datasheet
15Kb / 1P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBPC8005 CHENYI-KBPC8005 Datasheet
148Kb / 2P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Dc Components
KBPC8005 DCCOM-KBPC8005 Datasheet
370Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Fuji Electric
KBPC8005 FUJI-KBPC8005 Datasheet
799Kb / 1P
8 AMP SILICON BRIDGE RECTIFIER
More results

Similar Description - KBPC8005

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
KBU4A GE-KBU4A Datasheet
83Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436 Datasheet
111Kb / 3P
Single Phase Bridge Rectifier
logo
IXYS Corporation
VBO25 IXYS-VBO25 Datasheet
87Kb / 2P
Single Phase Rectifier Bridge
VBO13 IXYS-VBO13 Datasheet
84Kb / 2P
Single Phase Rectifier Bridge
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Solid States Devices, I...
SDA276A SSDI-SDA276A Datasheet
80Kb / 2P
SINGLE PHASE BRIDGE RECTIFIER
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436_07 Datasheet
117Kb / 2P
Single Phase Bridge Rectifier
logo
Naina Semiconductor ltd...
25MB NAINA-25MB Datasheet
105Kb / 2P
Single Phase Bridge Rectifier
logo
Diotec Semiconductor
KBPC1500FW DIOTEC-KBPC1500FW_18 Datasheet
392Kb / 2P
Single Phase Bridge Rectifier
logo
IXYS Corporation
VBO20 IXYS-VBO20 Datasheet
185Kb / 2P
Single Phase Rectifier Bridge
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com