Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JCPS1R Datasheet(PDF) 1 Page - CIT Relay & Switch

Part # JCPS1R
Description  CIT SWITCH
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

JCPS1R Datasheet(HTML) 1 Page - CIT Relay & Switch

  JCPS1R Datasheet HTML 1Page - CIT Relay & Switch JCPS1R Datasheet HTML 2Page - CIT Relay & Switch JCPS1R Datasheet HTML 3Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.citswitch.com
page
11
phone – 763.535.2339 fax – 763.535.2194
SPECIFICATIONS
MATERIALS
←RoHS COMPLIANT
Actuator Cap
Poly Carbonate (PC)
Actuator Body
Poly Carbonate (PC)
Housing
Polyamide (PA), UL94V-0
Terminal Base
Polyamide (PA), UL94V-0
Contacts
Brass Rivet, Ag or Au plated
Terminals
Brass, Ag or Au plated
ORDERING INFORMATION
1. Series:
JC
JC
V
2. Actuator Options:
S = Square
H = Extended Square
R = Rectangle
V = Square (concave)
Q = Square (concave)
PS = Square (panel mount)
PH = Square (extended square, panel mount)
1
3. Number of Poles:
1 = SPDT
2 = DPDT
4. Latching Option:
Blank = Momentary
L = Latching **Not available with R actuator
R
5. LED (1):
R = Red
Y = Yellow
W = White
G = Green
B = Blue
G
6. LED (2): **Each switch requires two LED choices. Both LEDs may be the same color.
R = Red
Y = Yellow
W = White
G = Green
B = Blue
Q
7. Contact Material:
Q = Silver
R = Gold
B
8. Laser Etching Colors:
Blank = No Laser Etching Color
MS =Misty Silver
B = Black
**Laser etching styles are only available with the V actuators. A colored film is applied
to the actuator and is laser etched to allow the LED to shine through the pattern.
J
9. Laser Etching Styles:
Blank = No Laser Etching Style
A
D
G
J
B
E
H
K
C
F
I
L
JC
Electrical Ratings
500mA @ 24VDC
Electrical Life
10,000 cycles typical
Contact Resistance
< 50 m
Ω initial
Actuation Force
200 +/- 50gF
Actuator Travel
2.2 +/- .1mm
Dielectric Strength
1000Vrms min
Insulation Resistance
> 1000M
Ω min
Operating Temperature
Storage Temperature
-40
°C to 85°C
-40
°C to 85°C


Similar Part No. - JCPS1R

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
JCPS-6-3 MINI-JCPS-6-3 Datasheet
291Kb / 1P
Power Splitter/Combiner
JCPS-8-10 MINI-JCPS-8-10 Datasheet
85Kb / 2P
POWER SPLITTERS/COMBINERS
JCPS-8-10-75 MINI-JCPS-8-10-75 Datasheet
85Kb / 2P
POWER SPLITTERS/COMBINERS
JCPS-8-10-75L MINI-JCPS-8-10-75L Datasheet
85Kb / 2P
POWER SPLITTERS/COMBINERS
JCPS-8-10-75M MINI-JCPS-8-10-75M Datasheet
85Kb / 2P
POWER SPLITTERS/COMBINERS
More results

Similar Description - JCPS1R

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
CIT SWITCH
A61AS6VDC.9 CIT-A61AS6VDC.9 Datasheet
144Kb / 2P
CIT SWITCH
A111AS12VDC.60 CIT-A111AS12VDC.60 Datasheet
183Kb / 2P
CIT SWITCH
ANP11F4B CIT-ANP11F4B Datasheet
374Kb / 7P
CIT SWITCH
BNP10SBQ CIT-BNP10SBQ Datasheet
295Kb / 5P
CIT SWITCH
BTNXC CIT-BTNXC Datasheet
345Kb / 5P
CIT SWITCH
CH1NAS CIT-CH1NAS Datasheet
182Kb / 2P
CIT SWITCH
CS1211 CIT-CS1211 Datasheet
111Kb / 1P
CIT SWITCH
J0982AS3VDC.60 CIT-J0982AS3VDC.60 Datasheet
166Kb / 2P
CIT SWITCH
J0991AS3VDC.45 CIT-J0991AS3VDC.45 Datasheet
173Kb / 2P
CIT SWITCH
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com