Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JSBD Datasheet(PDF) 1 Page - CIT Relay & Switch

Part # JSBD
Description  CIT SWITCH
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

JSBD Datasheet(HTML) 1 Page - CIT Relay & Switch

  JSBD Datasheet HTML 1Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.citswitch.com
page
16
phone – 763.535.2339 fax – 763.535.2194
SPECIFICATIONS
MATERIALS
←RoHS COMPLIANT
Cover
PC
Housing
Nylon
Lens
PC
Contacts
Copper Alloy, Gold over Nickel Plated
Terminals
Copper Alloy, Gold over Nickel Plated
ORDERING INFORMATION
CLEAR CAP OPTIONS
A
B
C
D
E
F
G
JS
Electrical Ratings
50mA @ 12VDC
Electrical Life
100,000 cycles typical
Contact Resistance
< 50 m
Ω initial
Actuation Force
250 +/- 50gF
Actuator Travel
0.3 +/- .1mm
Dielectric Strength
1000Vrms min
Insulation Resistance
> 100M
Ω min
Operating Temperature
Storage Temperature
-40
°C to 85°C
-40
°C to 85°C
LED Ratings
R
G
Y
B
W
Units
Reverse Voltage
VR
5
5
5
5
5
V
Forward Current (avg / peak)
IF / IFS
30 /
125
30 /
125
30 /
125
30 /
125
30 /
125
mA
Reverse Current VR = 5V
IR
10
10
10
10
10
µA
Power Dissipation
PT
69
75
75
120
120
mW
Forward Voltage (typ. / max),
IF = 20mA
VF
1.8 /
2.6
2.2 /
2.6
2.1 /
2.6
3.5 /
4.0
3.2 /
3.8
V
Wavelength, Peak Emission,
IF = 20mA
λP
660
572
595
455
----
nm
Spectral Line Half-Width,
IF = 20mA
∆λ
20
20
20
30
----
nm
Luminous Intensity, IF = 20mA
LI
20
20
80
40
200
mcd
Viewing Angle
Θ
150
150
150
150
150
Deg
1. Series:
JS
JS
B
2. LED Color:
R = Red
B = Blue
G = Green
W = White
Y = Yellow
C
3. Clear Cap Style:
Blank = No Cap
A, B, C, D, E, F, G
DIMENSIONS
SCHEMATIC & PC LAYOUT


Similar Part No. - JSBD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JSB-53FA ETC1-JSB-53FA Datasheet
167Kb / 2P
TIME RELAY 0.05S~24H
logo
C&D Technologies
JSB-53FA CANDD-JSB-53FA Datasheet
353Kb / 2P
Time Relays
logo
List of Unclassifed Man...
JSB-53FC ETC1-JSB-53FC Datasheet
300Kb / 2P
TIME RELAY 0.05S~24H
logo
STANLEY ELECTRIC CO.,LT...
JSB1117ASE-TR STANLEY-JSB1117ASE-TR Datasheet
714Kb / 24P
Thinner package, Blue color emitting LED
logo
MMD Components
JSBA1 MMD-JSBA1 Datasheet
88Kb / 1P
5mm X 3.2mm X 4 Pads Ceramic Package
More results

Similar Description - JSBD

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
CIT SWITCH
A61AS6VDC.9 CIT-A61AS6VDC.9 Datasheet
144Kb / 2P
CIT SWITCH
A111AS12VDC.60 CIT-A111AS12VDC.60 Datasheet
183Kb / 2P
CIT SWITCH
ANP11F4B CIT-ANP11F4B Datasheet
374Kb / 7P
CIT SWITCH
BNP10SBQ CIT-BNP10SBQ Datasheet
295Kb / 5P
CIT SWITCH
BTNXC CIT-BTNXC Datasheet
345Kb / 5P
CIT SWITCH
CH1NAS CIT-CH1NAS Datasheet
182Kb / 2P
CIT SWITCH
CS1211 CIT-CS1211 Datasheet
111Kb / 1P
CIT SWITCH
J0982AS3VDC.60 CIT-J0982AS3VDC.60 Datasheet
166Kb / 2P
CIT SWITCH
J0991AS3VDC.45 CIT-J0991AS3VDC.45 Datasheet
173Kb / 2P
CIT SWITCH
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com