Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KL06RHT Datasheet(PDF) 1 Page - CIT Relay & Switch

Part # KL06RHT
Description  CIT SWITCH
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

KL06RHT Datasheet(HTML) 1 Page - CIT Relay & Switch

  KL06RHT Datasheet HTML 1Page - CIT Relay & Switch KL06RHT Datasheet HTML 2Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.citswitch.com
page
113
phone – 763.535.2339 fax – 763.535.2194
SPECIFICATIONS
MATERIALS
←RoHS COMPLIANT
Actuator
4/6 Nylon, UL94V-0, White
Cover
PPS, UL94V-0, Black
Housing
PPS, UL94V-0, Black
Contacts
Phosphor Bronze, Gold over Nickel Plated
Terminals
Brass, Gold over Nickel Plated
ORDERING INFORMATION
KL
Electrical Ratings
Switch: 25mA @ 24VDC
Carry: 100mA @ 24VDC
Electrical Life
2,000 cycles typical
Contact Resistance
< 25 m
Ω initial
Actuation Force
400 gF max
Actuator Travel
2.0 mm
Dielectric Strength
500Vrms min
Insulation Resistance
> 100M
Ω min
Operating Temperature
Storage Temperature
-40
°C to 85°C
-40
°C to 85°C
.100” Pitch, Low Profile
DIP Switch
Series:
KL
KL
02
Number of Positions:
02 = 2 positions
03 = 3 positions
04 = 4 positions
05 = 5 positions
06 = 6 positions
07 = 7 positions
08 = 8 positions
09 = 9 positions
10 = 10 positions
12 = 12 positions
E
Actuator Height:
E = Extended
R = Recessed
H
Terminal Options:
S = Splayed
H = Straight
T
Tape Seal:
Blank = No Tape Seal
T = Tape Seal (only available with R actuator)


Similar Part No. - KL06RHT

ManufacturerPart #DatasheetDescription
logo
Rohm
KL0643-BB11A ROHM-KL0643-BB11A Datasheet
71Kb / 2P
For Label wr i ters ser ies
More results

Similar Description - KL06RHT

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
CIT SWITCH
A61AS6VDC.9 CIT-A61AS6VDC.9 Datasheet
144Kb / 2P
CIT SWITCH
A111AS12VDC.60 CIT-A111AS12VDC.60 Datasheet
183Kb / 2P
CIT SWITCH
ANP11F4B CIT-ANP11F4B Datasheet
374Kb / 7P
CIT SWITCH
BNP10SBQ CIT-BNP10SBQ Datasheet
295Kb / 5P
CIT SWITCH
BTNXC CIT-BTNXC Datasheet
345Kb / 5P
CIT SWITCH
CH1NAS CIT-CH1NAS Datasheet
182Kb / 2P
CIT SWITCH
CS1211 CIT-CS1211 Datasheet
111Kb / 1P
CIT SWITCH
J0982AS3VDC.60 CIT-J0982AS3VDC.60 Datasheet
166Kb / 2P
CIT SWITCH
J0991AS3VDC.45 CIT-J0991AS3VDC.45 Datasheet
173Kb / 2P
CIT SWITCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com