Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF02S Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS

Part # DF02S
Description  SURFACE MOUNT BRIDGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

DF02S Datasheet(HTML) 1 Page - MIC GROUP RECTIFIERS

  DF02S Datasheet HTML 1Page - MIC GROUP RECTIFIERS DF02S Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SURFACE MOUNT BRIDGE
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
DB101S THRU DB107S
VOLTAGE RANGE
50 to 1000 Volts
DF005S THRU DB10S
CURRENT
1.0 Ampere
FEATURES
•
Glass passivated chip junction
•
Ideal for surface mounted applications
•
Low leakage
•
High forward surge current capability
•
High temperature soldering guaranteed:
260℃/10 seconds at terminals
MECHANICAL DATA
•
Case: Molded plastic body
•
Epoxy: UL94V-0 rate flame retardant
•
Polarity: Molded on body
•
LeadP: Plated terminals solderable per MIL-STD-202E
method 208C
•
Weight: 0.04 ounce, 1.0 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
•
Ratings at 25℃ ambient temperature unless otherwise specified
•
Single Phase, half wave, 60Hz, resistive or inductive load
•
For capacitive load derate current by 20%
SYMBOLS
DB101S
DF005S
DB102S
DF01S
DB103S
DF02S
DB104S
DF04S
DB105S
DF06S
DB106S
DF08S
DB107S
DF10S
UNIT
Maximum Reverse Peak Repetitive Voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum Average Forward Rectified Output
Current, 0.06”(1.5mm) lead length at TA=40℃
(Note 2)
I(AV)
1.0
Amps
Peak Forward Surge Current
8.3ms single half sine wave superimposed on
rated load (JEDEC Method)
IFSM
50
Amps
Rating for Fusing (t<8.3ms)
I
2t
10
A
2s
Maximum Instantaneous Forward Voltage drop
Per Bridge element 1.0A
VF
1.1
Volts
TA=25℃
5
µAmps
Maximum Reverse Current at rated
DC blocking voltage per element
TA=125℃
IR
0.5
mAmps
Typical Junction Capacitance (NOTE 1)
CJ
25
℃
/W
Typical Thermal Resistance (NOTE 2)
RΘJA
40
VAC
Operating and Storage Temperature Range
TJ ,TSTG
(-55 to +150)
℃
Notes: 1.Measured at 1.0MHz and applied reverse voltage of 4.0 Volts.
2.Unit mounted on P.C.B. with 0.51”×0.51” ( 13×13mm) copper pads.
Dimensions in inches and (millimeters)
DFS
O
45
.115 (2.9)
.135 (3.4)
0.320 (8.13)
0.335 (8.51)
0.040 (1.02)
0.047 (1.20)
0.009 (0.241)
0.013 (0.330)
0.003 (0.076)
0.013 (0.330)
0.040 (1.016)
0.060 (1.524)
0.245 (6.2)
0.255 (6.5)
0.386 (9.80)
0.404 (10.3)
0.195 (5.0)
0.205 (5.2)
-
--
+


Similar Part No. - DF02S

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
DF02S WTE-DF02S Datasheet
57Kb / 3P
1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zowie Technology Corpor...
DF02S ZOWIE-DF02S Datasheet
48Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
DF02S JGD-DF02S Datasheet
137Kb / 2P
SINGLE PHASE 1.0AMP GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Shanghai Sunrise Electr...
DF02S SSE-DF02S Datasheet
14Kb / 1P
SINGLE PHASE GLASS PASSIVATED SURFACE MOUNT BRIDGE RECTIFIER
logo
Fairchild Semiconductor
DF02S FAIRCHILD-DF02S Datasheet
33Kb / 3P
1.5 Ampere Bridge Rectifiers
More results

Similar Description - DF02S

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
MDF005 MIC-MDF005 Datasheet
42Kb / 2P
SURFACE MOUNT BRIDGE
logo
Pan Jit International I...
U01501BRM PANJIT-U01501BRM Datasheet
145Kb / 3P
SURFACE MOUNT BRIDGE RECTIFIER
logo
YENYO TECHNOLOGY Co., L...
B1S YENYO-B1S Datasheet
525Kb / 2P
Surface Mount Bridge Rectifier
logo
SeCoS Halbleitertechnol...
DB101 SECOS-DB101_17 Datasheet
188Kb / 2P
Surface Mount Bridge Rectifiers
DB201S SECOS-DB201S_17 Datasheet
182Kb / 2P
Surface Mount Bridge Rectifiers
DB1501S SECOS-DB1501S_17 Datasheet
176Kb / 2P
Surface Mount Bridge Rectifiers
logo
Guangdong Juxing Electr...
ABS2 JUXING-ABS2_18 Datasheet
2Mb / 2P
SURFACE MOUNT BRIDGE RECTIFIERS
logo
Dongguan Pingjingsemi T...
MB1F-PJ PJSEMI-MB1F-PJ Datasheet
374Kb / 3P
SURFACE MOUNT BRIDGE RECTIFIERS
logo
Dongguan City Niuhang E...
MB14F NIUHANG-MB14F Datasheet
359Kb / 3P
SURFACE MOUNT SHOTTKY BRIDGE
MB24F NIUHANG-MB24F Datasheet
359Kb / 3P
SURFACE MOUNT SHOTTKY BRIDGE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com