Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DR352 Datasheet(PDF) 2 Page - MIC GROUP RECTIFIERS

Part # DR352
Description  DISH AUTOMOTIVE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

DR352 Datasheet(HTML) 2 Page - MIC GROUP RECTIFIERS

  DR352 Datasheet HTML 1Page - MIC GROUP RECTIFIERS DR352 Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DISH AUTOMOTIVE RECTIFIER
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
VOLTAGE RANGE
100 to 400 Volts
DR351 THRU DR356
DRS351 THRU DRS356
CURRENT
35.0 Amperes
RATINGS AND CHARACTERISTIC CURVES
F1G.2 MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
F1G.1 TYPICAL FORWARD CURRENT
DERATING GURVE
1 Cycle
NUMBER OF CYCLES AT 60 Hz
100
60
40
20
10
8
6
4
2
1
8.3ms Single Half Sine-Wave
(JEDEC Method) Tj=Tj max
AMBIENT TEMPERATURE, ()
℃
125
100
150
175
75
50
25
0
0
20
Single Phase
Half Wave 60Hz
Resistive or Inductive Load
0.375″(9.5mm) Lead Length
100
400
200
80
40
30
10
300
600
500
F1G.3 TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE,(V)
1000
100
10
1.0
0.1
1.4
1.6
2.0
1.8
1.0
1.2
0.8
0.6
T1=25℃
PULSE WIDTH=300μS
1%DUTY CYCLE
60
F1G.4 FORWARD ROWER DISSIPATION
AVERAGE FORWARD CURRENT, (A)
30
50
80
DC
SQUARE WAVE
0
0
20
30
40
50
DR351 THRU DR356
DRS351 THRU DRS356



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com