Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB102 Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS

Part # DB102
Description  SINGLE-PHASE BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

DB102 Datasheet(HTML) 1 Page - MIC GROUP RECTIFIERS

  DB102 Datasheet HTML 1Page - MIC GROUP RECTIFIERS DB102 Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SINGLE-PHASE BRIDGE RECTIFIER
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
DF005 THRU DF10
VOLTAGE RANGE
50 to 1000 Volts
DB101 THRU DB107
CURRENT
1.0 Ampere
FEATURES
•
Glass passivated chip junction
•
High forward surge current capability
•
Ideal for printed circuit board
•
High temperature soldering guaranteed:
260℃/10 seconds at terminals
MECHANICAL DATA
•
Case: Transfer molded plastic
•
Epoxy: UL94V-0 rate flame retardant
•
Terminals solderable per MIL-STD-202E
method 208C
•
Polarity: Molded on body
•
Mounting position: Any
•
Weight: 0.04 ounce, 1.0 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
•
Ratings at 25℃ ambient temperature unless otherwise specified
•
Single Phase, half wave, 60Hz, resistive or inductive load
•
For capacitive load derate current by 20%
SYMBOLS
DF005
DB101
DF01
DB102
DF02
DB103
DF04
DB104
DF06
DB105
DF08
DB106
DF10
DB107
UNIT
Maximum Reverse Peak Repetitive Voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum Average Forward Rectified Output
Current, 0.06”(1.5mm) lead length at TA=40℃
(Note 2)
I(AV)
1.0
Amps
Peak Forward Surge Current
8.3ms single half sine wave superimposed on
rated load (JEDEC Method)
IFSM
50
Amps
Rating for Fusing (t<8.3ms)
I
2t
10
A
2s
Maximum Instantaneous Forward Voltage drop
Per Bridge element 1.0A
VF
1.1
Volts
TA=25℃
5
µAmps
Maximum Reverse Current at rated
DC blocking voltage per element
TA=125℃
IR
0.5
mAmps
Typical Junction Capacitance (Note 1)
CJ
25
pF
Typical Thermal Resistance (Note 2)
RΘJA
40
℃/W
Operating and Storage Temperature Range
TJ ,TSTG
-55 to +150
℃
Notes: 1. Measured at 1.0MHz and applied reverse voltage of 4.0 Volts.
2.Unit mounted on P.C.B. with 0.51”×0.51” ( 13×13mm) copper pads.
~
~
+
-
Dimensions in inches and (millimeters)
DFM
.245 (6.2)
.255 (6.5)
.195 (5.0)
.205 (5.2)
(
0.5)
.020
(
1.5)
.060
.300 (7.6)
.350 (8.9)
.155 (3.9)
.165 (4.2)
.115 (2.9)
.135 (3.4)
.320 (8.12)
.365 (9.3)


Similar Part No. - DB102

ManufacturerPart #DatasheetDescription
logo
Surge Components
DB102 SURGE-DB102 Datasheet
75Kb / 2P
DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER VOLTAGE-50 to 1000 Volts?
logo
Rectron Semiconductor
DB102 RECTRON-DB102 Datasheet
36Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
Bytes
DB102 BYTES-DB102 Datasheet
147Kb / 2P
SINGLE PHASE 1.0 AMP BRIDGE RECTIFIERS
logo
Dc Components
DB102 DCCOM-DB102 Datasheet
375Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Diodes Incorporated
DB102 DIODES-DB102 Datasheet
61Kb / 2P
1.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21211 Rev. C-3
More results

Similar Description - DB102

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
KBU4A GE-KBU4A Datasheet
83Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436 Datasheet
111Kb / 3P
Single Phase Bridge Rectifier
logo
IXYS Corporation
VBO25 IXYS-VBO25 Datasheet
87Kb / 2P
Single Phase Rectifier Bridge
VBO13 IXYS-VBO13 Datasheet
84Kb / 2P
Single Phase Rectifier Bridge
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Solid States Devices, I...
SDA276A SSDI-SDA276A Datasheet
80Kb / 2P
SINGLE PHASE BRIDGE RECTIFIER
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436_07 Datasheet
117Kb / 2P
Single Phase Bridge Rectifier
logo
Naina Semiconductor ltd...
25MB NAINA-25MB Datasheet
105Kb / 2P
Single Phase Bridge Rectifier
logo
Diotec Semiconductor
KBPC1500FW DIOTEC-KBPC1500FW_18 Datasheet
392Kb / 2P
Single Phase Bridge Rectifier
logo
IXYS Corporation
VBO20 IXYS-VBO20 Datasheet
185Kb / 2P
Single Phase Rectifier Bridge
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com