Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB106 Datasheet(PDF) 2 Page - MIC GROUP RECTIFIERS

Part # DB106
Description  SINGLE-PHASE BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

DB106 Datasheet(HTML) 2 Page - MIC GROUP RECTIFIERS

  DB106 Datasheet HTML 1Page - MIC GROUP RECTIFIERS DB106 Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SINGLE-PHASE BRIDGE RECTIFIER
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
DF005 THRU DF10
VOLTAGE RANGE
50 to 1000 Volts
DB101 THRU DB107
CURRENT
1.0 Ampere
DB107
DF10
DB101
DF005
RATINGS AND CHARACTERISTIC CURVES
THRU
1
10
100
100
0.1
10
1.0
100
80
60
40
20
0
120
140
0.01
0.1
10
100
1.0
10
20
0.01
0.1
1.0
1.2
1.0
0.8
0.6
0.4
1.6
1.4
1.8
0
10
20
30
40
50
60
70
100
10
1
2
4
68
20
40
60 80
0
0.2
0.4
0.6
0.8
1.2
1.0
150
125
100
75
50
25
0
40
175
REVRESE VOLTAGE,(V)
REVERSE VOLTAGE, (%)
PERCENT OF RATED PEAK
INSTANTANEOUS FORWARD VOLTAGE,(V)
NUMBER OF CYCLES AT 60 Hz
AMBIENT TEMPERATURE, ℃
FIG. 5- TYPICAL JUNCTION CAPACITANCE
PER BRIDGE ELEMENT
FIG. 4- TYPICAL REVERSE CHARACTERISTICS
PER BRIDGE ELEMENT
PER BRIDGE ELEMENT
FIG. 3- TYPICAL FORWORD CHARACTERISTICS
FIG. 2- MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT PER ELEMENT
OUTPUT RECTIFIED CURRENT
FIG. 1- DERATING CURVE FOR
j
T =25℃
f=1MHz
Vsig=50mVp-p
j
T =25℃
T =125℃
j
1 CYCLE
j
T =25℃
PULSE WIDTH=300μs
1% DUTY CYCLE
T =T
j
j
max
Single Half Sine-Wave
(
JEDEC Method)
Single Phase
Half Wave 60Hz
Resistive or Inductive Load



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com