Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPF-R251321S Datasheet(PDF) 1 Page - LUMEX INC.

Part # LPF-R251321S
Description  3mm x 2mm RECTANGULAR, 25 UNIT, SMT LIGHT PIPE WITH ANTIBLEED HOLDER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEX [LUMEX INC.]
Direct Link  http://www.lumex.com
Logo LUMEX - LUMEX INC.

LPF-R251321S Datasheet(HTML) 1 Page - LUMEX INC.

  LPF-R251321S Datasheet HTML 1Page - LUMEX INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - LPF-R251321S

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
LPF-R011331S LUMEX-LPF-R011331S Datasheet
55Kb / 1P
CUSTOM LIGHT PIPE
LPF-R011340S LUMEX-LPF-R011340S Datasheet
70Kb / 1P
CUSTOM LIGHT PIPE
LPF-R011362S LUMEX-LPF-R011362S Datasheet
53Kb / 1P
3mm x 5.5mm RECTANGULAR RIGHT ANGLE SMT LIGHT PIPE, WITH ROUND POSTS
LPF-R012305S LUMEX-LPF-R012305S Datasheet
79Kb / 1P
CUSTOM LIGHT PIPE
LPF-R061251S LUMEX-LPF-R061251S Datasheet
46Kb / 1P
6 UNIT LIGHTPIPE
More results

Similar Description - LPF-R251321S

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
LPF-C011301S LUMEX-LPF-C011301S Datasheet
48Kb / 1P
3mm ROUND RIGHT ANGLE SMT LIGHT PIPE, WITH RECTANGULAR POSTS
LPF-R011362S LUMEX-LPF-R011362S Datasheet
53Kb / 1P
3mm x 5.5mm RECTANGULAR RIGHT ANGLE SMT LIGHT PIPE, WITH ROUND POSTS
LPA-C011301S-X LUMEX-LPA-C011301S-X Datasheet
53Kb / 1P
3mm SINGLE UNIT, SMT, VERTICAL LIGHT PIPE
LPA-C041301S-X LUMEX-LPA-C041301S-X Datasheet
57Kb / 1P
3mm, QUAD UNIT, VERTICAL SMT LIGHT PIPE
LPA-C081301S-X LUMEX-LPA-C081301S-X Datasheet
59Kb / 1P
3mm, 8 UNIT, VERTICAL SMT LIGHT PIPE
LPA-C011301S-20 LUMEX-LPA-C011301S-20 Datasheet
58Kb / 1P
3mm SINGLE UNIT, SMT, VERTICAL LIGHT PIPE.
LPA-C011301S-50 LUMEX-LPA-C011301S-50 Datasheet
64Kb / 1P
3mm SINGLE UNIT, SMT, VERTICAL LIGHT PIPE.
LPA-C011301S-37.9 LUMEX-LPA-C011301S-37.9 Datasheet
54Kb / 1P
3MM SINGLE UNIT, SMT. VERTICAL LIGHT PIPE
LPA-C0111401D LUMEX-LPA-C0111401D Datasheet
87Kb / 1P
3mm SINGLE UNIT, SMT, VERTICAL LIGHT PIPE
LPA-C0111401D-1 LUMEX-LPA-C0111401D-1 Datasheet
84Kb / 1P
3mm SINGLE UNIT, SMT, VERTICAL LIGHT PIPE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com