Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FBPC2502WN Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS

Part # FBPC2502WN
Description  SINGLE PHASE BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

FBPC2502WN Datasheet(HTML) 1 Page - MIC GROUP RECTIFIERS

  FBPC2502WN Datasheet HTML 1Page - MIC GROUP RECTIFIERS FBPC2502WN Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SINGLE PHASE BRIDGE RECTIFIER
VOLTAGE RANGE
50 to 1000 Volts
FBPC25005WN THRU FBPC2510WN
CURRENT
25 Ampere
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
1
FEATURES
•
Low cost
•
This series is UL recognized under component
index file number E127707
•
High forward surge current capability
•
Fast switching for high efficiency
•
Integrally molded heatsink provide
very low thermal resistance
•
High isolation voltage from case to leads
•
High temperature soldering guaranteed:
260℃ / 10 seconds,at 5 lbs. (2.3kg) tension.
MECHANICAL DATA
•
Case: Molded plastic body
•
Terminal: Plated 0.04″(1.02mm)diameter
•
Polarity: Polarity symbols marked on case
•
Mounting: Thru hole for #10 screw, 20 in,-lbs Torque Max.
•
Weight: 0.47 ounce, 13.4 gram
•
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
•
Ratings at 25
OC ambient temperature unless otherwise specified
•
Single Phase, half wave, 60Hz, resistive or inductive load
•
For capacitive load derate current by 20%
SYMBOL
FBPC
25005WN
FBPC
2501WN
FBPC
2502WN
FBPC
2504WN
FBPC
2506WN
FBPC
2508WN
FBPC
2510WN
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum Average Forward Rectified Output
Current, at TC = 50℃ (Note 1,2)
I(AV)
25
Amps
Peak Forward Surge Current
8.3mS single half sine wave superimposed on
rated load (JEDEC method)
IFSM
300
Amps
Rating for Fusing (t<8.3mS)
I
2t
373
A
2s
Maximum Instantaneous Forward Voltage Drop
per Bridge element at 12.5 A
VF
1.2
1.3
Volts
TA = 25 ℃
10
µA
Maximum DC Reverse Current at Rated
DC Blocking Voltage per element
TA = 100 ℃
IR
1.0
mA
Maximum DC Reverse recovery time(Note3)
Trr
150
250
500
NS
Isolation Voltage from case to lead
VISO
2500
VAC
Typical Thermal Resistance (Note 1,2 )
RθJc
2.0
OC/W
Operating Temperature Rang
TJ
(-65 to +150)
OC
Storage Temperature Rang
TSTG
(-65 to +150)
OC
Notes:
1.
Unit mounted on 5” x 6” x 4.9” (12.8cm x15.2cm x 12.4cm) AL finned Plate
2.
Bolt down on heat-sink with silicon thermal compound between bridge and mounting surface for maximum beat transfer efficiency with #10 screw
3.
Reverse recovery test conditions: IF=0.5A,IR=1.0A,IRR=0.25A
0.46(11.7)
0.41(10.5)
0.732(18.6)
0.692(17.6)
1.11(28.2)
1.13(28.8)
0.197(5.0)
0.205(5.2)
0.43(10.9)
0.47(11.9) 1.11(28.2)
1.13(28.8)
0.78(19.8)MIN
0.038(0.97)TYP
0.042(1.10)DIA
0.692(17.6)
0.732(18.6)
EXOPY CASE
METAL HEAT SINK


Similar Part No. - FBPC2502WN

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
FBPC35005WN MIC-FBPC35005WN Datasheet
100Kb / 2P
SINGLE PHASE BRIDGE RECTIFIER
FBPC3501WN MIC-FBPC3501WN Datasheet
100Kb / 2P
SINGLE PHASE BRIDGE RECTIFIER
FBPC3502WN MIC-FBPC3502WN Datasheet
100Kb / 2P
SINGLE PHASE BRIDGE RECTIFIER
FBPC3504WN MIC-FBPC3504WN Datasheet
100Kb / 2P
SINGLE PHASE BRIDGE RECTIFIER
FBPC3506WN MIC-FBPC3506WN Datasheet
100Kb / 2P
SINGLE PHASE BRIDGE RECTIFIER
More results

Similar Description - FBPC2502WN

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
KBU4A GE-KBU4A Datasheet
83Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436 Datasheet
111Kb / 3P
Single Phase Bridge Rectifier
logo
IXYS Corporation
VBO25 IXYS-VBO25 Datasheet
87Kb / 2P
Single Phase Rectifier Bridge
VBO13 IXYS-VBO13 Datasheet
84Kb / 2P
Single Phase Rectifier Bridge
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Solid States Devices, I...
SDA276A SSDI-SDA276A Datasheet
80Kb / 2P
SINGLE PHASE BRIDGE RECTIFIER
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436_07 Datasheet
117Kb / 2P
Single Phase Bridge Rectifier
logo
Naina Semiconductor ltd...
25MB NAINA-25MB Datasheet
105Kb / 2P
Single Phase Bridge Rectifier
logo
Diotec Semiconductor
KBPC1500FW DIOTEC-KBPC1500FW_18 Datasheet
392Kb / 2P
Single Phase Bridge Rectifier
logo
IXYS Corporation
VBO20 IXYS-VBO20 Datasheet
185Kb / 2P
Single Phase Rectifier Bridge
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com