Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTC3 Datasheet(PDF) 1 Page - CIT Relay & Switch

Part # RTC3
Description  CIT SWITCH
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

RTC3 Datasheet(HTML) 1 Page - CIT Relay & Switch

  RTC3 Datasheet HTML 1Page - CIT Relay & Switch RTC3 Datasheet HTML 2Page - CIT Relay & Switch RTC3 Datasheet HTML 3Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.citswitch.com
phone – 763.535.2339 fax – 763.535.2194
SPECIFICATIONS
Electrical Ratings
100mA @ 30VDC
Electrical Life
300,000 cycles typical
Contact Resistance
< 50 m
Ω max initial
Dielectric Strength
250Vrms min
Actuation Force
160 +/- 50gF
Travel
1.4 +/- .2mm
Insulation Resistance
> 100M
Ω min
Operating Temperature
Storage Temperature
-40
°C to 85°C
-40
°C to 85°C
MATERIALS
←RoHS COMPLIANT
Actuator
6/6 Nylon
Housing
6/6 Nylon
Caps
PC
Contacts
Conductive Rubber
Terminals
Brass, Gold Plated
ORDERING INFORMATION
Series:
RT
RT
A
Actuator Style:
A
B
C
1
Actuator Color:
1 = White Semi-transparent
2 = Black, Opaque, for use with laser etching
3 = Red Semi-transparent, 3T = Red Transparent
4 = Yellow Semi-transparent, 4T = Yellow Transparent
5 = Green Semi-transparent, 5T = Green Transparent
7 = Blue Semi-transparent, 7T = Blue Transparent
9 = Dark Gray, Opaque, for use with laser etching
0 = Clear Semi-transparent
MS = Misty Silver, Opaque, for use with laser etching
W
LED Colors:
X = No LED
R = Red
Y = Yellow
G = Green
PG = Pure Green
B = Blue
W = White
RY = Red/Yellow dual LED
RG = Red/Green dual LED
RB = Red/Blue dual LED
YG = Yellow/Green dual LED
YB = Yellow/Blue dual LED
GB = Green/Blue dual LED
**White & Pure Green are only available as a single
color LED
Laser Etching Styles:
Blank = No laser etching style
A
F
B
G
C
H
D
I
E
J
RT


Similar Part No. - RTC3

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
RTC34005 TEC-RTC34005 Datasheet
543Kb / 4P
General Purpose Relays PCB Relays
11-2020, Rev. 1120
RTC34005R TEC-RTC34005R Datasheet
543Kb / 4P
General Purpose Relays PCB Relays
11-2020, Rev. 1120
RTC34005WG TEC-RTC34005WG Datasheet
543Kb / 4P
General Purpose Relays PCB Relays
11-2020, Rev. 1120
RTC34006 TEC-RTC34006 Datasheet
543Kb / 4P
General Purpose Relays PCB Relays
11-2020, Rev. 1120
RTC34006R TEC-RTC34006R Datasheet
543Kb / 4P
General Purpose Relays PCB Relays
11-2020, Rev. 1120
More results

Similar Description - RTC3

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
CIT SWITCH
A61AS6VDC.9 CIT-A61AS6VDC.9 Datasheet
144Kb / 2P
CIT SWITCH
A111AS12VDC.60 CIT-A111AS12VDC.60 Datasheet
183Kb / 2P
CIT SWITCH
ANP11F4B CIT-ANP11F4B Datasheet
374Kb / 7P
CIT SWITCH
BNP10SBQ CIT-BNP10SBQ Datasheet
295Kb / 5P
CIT SWITCH
BTNXC CIT-BTNXC Datasheet
345Kb / 5P
CIT SWITCH
CH1NAS CIT-CH1NAS Datasheet
182Kb / 2P
CIT SWITCH
CS1211 CIT-CS1211 Datasheet
111Kb / 1P
CIT SWITCH
J0982AS3VDC.60 CIT-J0982AS3VDC.60 Datasheet
166Kb / 2P
CIT SWITCH
J0991AS3VDC.45 CIT-J0991AS3VDC.45 Datasheet
173Kb / 2P
CIT SWITCH
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com