Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2PMLC04 Datasheet(PDF) 1 Page - CIT Relay & Switch

Part # MP2PMLC04
Description  CIT SWITCH
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

MP2PMLC04 Datasheet(HTML) 1 Page - CIT Relay & Switch

  MP2PMLC04 Datasheet HTML 1Page - CIT Relay & Switch MP2PMLC04 Datasheet HTML 2Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.citswitch.com
page
130
phone – 763.535.2339 fax – 763.535.2194
SPECIFICATIONS
Electrical Ratings
300mA @ 30VDC
Electrical Life
10,000 cycles typical
Contact Resistance
< 20 m
Ω max initial @ 2-4VDC, 100mA
Dielectric Strength
1000Vrms min
Insulation Resistance
> 100M
Ω min
Operating Temperature
Storage Temperature
-40
°C to 85°C
-40
°C to 85°C
MATERIALS
←RoHS COMPLIANT
Actuator
Acetal
Housing
Steel, Tin Plated
Base
Phenolic
Contacts
Phosphor Bronze, Silver Plated
Terminals
Brass, Silver Plated
ORDERING INFORMATION
1. Series:
MP
MP
1
2. Number of Poles:
1 = SPDT
2 = DPDT
P
3. Terminals:
S = Solder Lug
P = PC Pin
P
4. Case Style:
P = With Case PC Pins (standard for PC pins)
M = With Threaded Panel Mount Tab (standard for solder lugs)
L
5. Switch Function:
N = Non-latching
L = Latching
C033
6. Actuator Cap:
Blank = No Cap
C01
C02
C03
C04
C05
Cap Colors:
** See Cap Options for color availability
DIMENSIONS
MP1P
MP1S
MP


Similar Part No. - MP2PMLC04

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
MP2 INFINEON-MP2 Datasheet
216Kb / 2P
Multimedia Platform?
2004
logo
GREATECS
MP2 GREATECS-MP2 Datasheet
121Kb / 1P
Miniature SPDT Micro Switches
logo
List of Unclassifed Man...
MP2-10B ETC2-MP2-10B Datasheet
412Kb / 2P
Flush and extended pushbuttons Non-illuminated Momentary and maintained
MP2-10C ETC2-MP2-10C Datasheet
412Kb / 2P
Flush and extended pushbuttons Non-illuminated Momentary and maintained
MP2-10G ETC2-MP2-10G Datasheet
412Kb / 2P
Flush and extended pushbuttons Non-illuminated Momentary and maintained
More results

Similar Description - MP2PMLC04

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
CIT SWITCH
A61AS6VDC.9 CIT-A61AS6VDC.9 Datasheet
144Kb / 2P
CIT SWITCH
A111AS12VDC.60 CIT-A111AS12VDC.60 Datasheet
183Kb / 2P
CIT SWITCH
ANP11F4B CIT-ANP11F4B Datasheet
374Kb / 7P
CIT SWITCH
BNP10SBQ CIT-BNP10SBQ Datasheet
295Kb / 5P
CIT SWITCH
BTNXC CIT-BTNXC Datasheet
345Kb / 5P
CIT SWITCH
CH1NAS CIT-CH1NAS Datasheet
182Kb / 2P
CIT SWITCH
CS1211 CIT-CS1211 Datasheet
111Kb / 1P
CIT SWITCH
J0982AS3VDC.60 CIT-J0982AS3VDC.60 Datasheet
166Kb / 2P
CIT SWITCH
J0991AS3VDC.45 CIT-J0991AS3VDC.45 Datasheet
173Kb / 2P
CIT SWITCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com