Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHD8 Datasheet(PDF) 2 Page - CIT Relay & Switch

Part # SHD8
Description  CIT SWITCH
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

SHD8 Datasheet(HTML) 2 Page - CIT Relay & Switch

  SHD8 Datasheet HTML 1Page - CIT Relay & Switch SHD8 Datasheet HTML 2Page - CIT Relay & Switch SHD8 Datasheet HTML 3Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.citswitch.com
page
21
phone – 763.535.2339 fax – 763.535.2194
DIMENSIONS
A (Square)
B (Round)
C (Flat)
D (Post)
SCHEMATIC & PC LAYOUT
E (Square Cap)
LED SPECIFICATIONS
LED Ratings
R
G
Y
B
W
Units
Reverse Voltage
VR
5
5
5
5
5
V
Forward Current (avg / peak)
IF / IFS
30 / 125
30 / 125
30 / 125
30 / 125
30 / 125
mA
Reverse Current VR = 5V
IR
10
10
10
10
10
µA
Power Dissipation
PT
69
75
75
120
120
mW
Forward Voltage (typ. / max), IF = 20mA
VF
1.8 / 2.3
2.0 / 2.5
2.0 / 2.5
3.5 / 4.0
3.5 / 4.0
V
Wavelength, Peak Emmission, IF = 20mA
λP
660
572
595
455
----
nm
Spectral Line Half-Width, IF = 20mA
∆λ
20
20
20
30
----
nm
Luminous Intensity, IF = 20mA
LI
20
20
80
40
200
mcd
Viewing Angle
Θ
150
150
150
150
150
Deg
LASER ETCHING STYLES
A
B
C
D
E
F
G
H
J
K
CAP OPTIONS
←FOR D ACTUATOR
C11_
1 = White, 2 = Black, 3 = Red, 9 = Gray
Contact Factory for other available colors
C12_
1 = White, 2 = Black, 3 = Red, 9 = Gray
Contact Factory for other available colors
C13_
1 = White, 2 = Black, 3 = Red, 9 = Gray
Contact Factory for other available colors
SH



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com