Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EKMX161ESS331ML40S Datasheet(PDF) 1 Page - United Chemi-Con, Inc.

Part # EKMX161ESS331ML40S
Description  Aluminum Electrolytic Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

EKMX161ESS331ML40S Datasheet(HTML) 1 Page - United Chemi-Con, Inc.

  EKMX161ESS331ML40S Datasheet HTML 1Page - United Chemi-Con, Inc. EKMX161ESS331ML40S Datasheet HTML 2Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Sleeve (PET)
L'
15min.
4min.
Vent
@Slender case sizes are lined up for laying down small places on PC board
@For electronic ballast circuits and other long life required applications
@Endurance with ripple current : 105C 8000 to 10000 hours
@Non solvent-proof type
@Pb-free design
?SPECIFICATIONS
(at 20C, 120Hz)
(at 20C)
(at 20C, 120Hz)
(at 120Hz)
Category
Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current
Dissipation Factor
(tanE)
Low Temperature
Characteristics
(Max. Impedance Ratio)
Endurance
Shelf Life
Items
-40 to +105C (160 to 400Vdc) -25 to+105C (450Vdc)
160 to 450Vdc
P20% (M)
After 1 minute
After 5 minutes
CV[1000
I=0.1CV+40
I=0.03CV+15
CV
>1000
I=0.04CV+100
I=0.02CV+25
Where, I : Max. leakage current (MA), C : Nominal capacitance (MF), V : Rated voltage (V)
Rated voltage (Vdc)
tanE (Max.)
Rated voltage (Vdc)
Z(-25C)/Z(+20C)
Z(-40C)/Z(+20C)
The following specifications shall be satisfied when the capacitors are restored to 20C after subjected to DC voltage with the rated
ripple current is applied for 10000 hours (8000 hours for F10) at 105C.
Capacitance change
[P20% of the initial value
D.F. (tanE)
[200% of the initial specified value
Leakage current
[The initial specified value
The following specifications shall be satisfied when the capacitors are restored to 20C after exposing them for 1000 hours at 105C
without voltage applied.
Capacitance change
[P20% of the initial value
D.F. (tanE)
[200% of the initial specified value
Leakage current
[500% of the initial specified value
Characteristics
160 to 250V
3
6
350 & 400V
5
6
450V
6
-
160 to 250V
0.20
350 & 400V
0.24
450V
0.24
time
CV
?DIMENSIONS [mm]
?PART NUMBERING SYSTEM
10
0.6
5.0
fD
fd
F
fD'
L'
12.5
0.6
5.0
16
0.8
7.5
FD+0.5max.
L+1.5max.
18
0.8
7.5
(F10)
(F12.5 to F18)
Gas escaped end seal
@Terminal Code : E
Supplement code
Size code
Capacitance tolerance code
Capacitance code (ex. 3.3MF:3R3,10MF:100,100MF:101)
Lead forming·taping code
Terminal code
Voltage code (ex. 160V:161,250V:251,450V:451)
Series code
Category
E K M X A A A E A A A A A
A A A S
M
13
4
26
7
8
9
10
512
13
11
16
17
18
15
14
NIPPON CHEMI-CON CORPORATION
1219
1
Specifications in this bulletin are subject to change without notice.
Engineering Bulletin
Aluminum Electrolytic Capacitors
No.646G / Oct.2004


Similar Part No. - EKMX161ESS331ML40S

ManufacturerPart #DatasheetDescription
logo
SICK AG
EKM36-0JF0A018A SICK-EKM36-0JF0A018A Datasheet
936Kb / 8P
MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
2017-06-06
EKM36-0JF0A020A SICK-EKM36-0JF0A020A Datasheet
936Kb / 8P
MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
2017-06-06
EKM36-0KF0A018A SICK-EKM36-0KF0A018A Datasheet
936Kb / 8P
MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
2017-06-06
EKM36-0KF0A020A SICK-EKM36-0KF0A020A Datasheet
936Kb / 8P
MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
2017-06-06
EKM36-0KF0B018A SICK-EKM36-0KF0B018A Datasheet
937Kb / 8P
MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE DSL
2017-06-06
More results

Similar Description - EKMX161ESS331ML40S

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LAQ2D330MEL NICHICON-LAQ2D330MEL Datasheet
82Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCA2C100MHD NICHICON-UCA2C100MHD Datasheet
98Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCD1A220MCL NICHICON-UCD1A220MCL Datasheet
66Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UHD0J151MHD NICHICON-UHD0J151MHD Datasheet
87Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UFW0J331MPD NICHICON-UFW0J331MPD Datasheet
112Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
LLG2C561MELZ25 NICHICON-LLG2C561MELZ25 Datasheet
104Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UPB1A101MPD NICHICON-UPB1A101MPD Datasheet
79Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPV0J101MFD NICHICON-UPV0J101MFD Datasheet
67Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPW0J220MDD NICHICON-UPW0J220MDD Datasheet
112Kb / 5P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41112 EPCOS-B41112 Datasheet
771Kb / 13P
Aluminum electrolytic capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com