Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EKXG161ESS101ML20S Datasheet(PDF) 1 Page - United Chemi-Con, Inc.

Part # EKXG161ESS101ML20S
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

EKXG161ESS101ML20S Datasheet(HTML) 1 Page - United Chemi-Con, Inc.

  EKXG161ESS101ML20S Datasheet HTML 1Page - United Chemi-Con, Inc. EKXG161ESS101ML20S Datasheet HTML 2Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
160 to 450Vdc long life, 105C
CAT. No. E1001E
Sleeve (PET)
L'
15min.
4min.
Vent
@Downsized from current KMX series
@For electronic ballast circuits and other long life required applications
@Endurance with ripple current : 105C 8000 to 10000hours
@Non solvent-proof type
@Pb-free design
?SPECIFICATIONS
(at 20C, 120Hz)
(at 20C)
(at 20C, 120Hz)
(at 120Hz)
Category
Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current
Dissipation Factor
(tanE)
Low Temperature
Characteristics
(Max. Impedance Ratio)
Endurance
Shelf Life
Items
-40 to +105C (160 to 400Vdc) -25 to+105C (450Vdc)
160 to 450Vdc
P20% (M)
After 1 minute
After 5 minutes
CV[1000
I=0.1CV+40
I=0.03CV+15
CV
>1000
I=0.04CV+100
I=0.02CV+25
Where, I : Max. leakage current (MA), C : Nominal capacitance (MF), V : Rated voltage (V)
Rated voltage (Vdc)
tanE (Max.)
Rated voltage (Vdc)
Z(-25C)/Z(+20C)
Z(-40C)/Z(+20C)
The following specifications shall be satisfied when the capacitors are restored to 20C after subjected to DC voltage with the rated
ripple current is applied for 10000 hours (8000 hours for F10) at 105C.
Capacitance change
[P20% of the initial value
D.F. (tanE)
[200% of the initial specified value
Leakage current
[The initial specified value
The following specifications shall be satisfied when the capacitors are restored to 20C after exposing them for 1000 hours at 105C
without voltage applied.
Capacitance change
[P20% of the initial value
D.F. (tanE)
[200% of the initial specified value
Leakage current
[500% of the initial specified value
Characteristics
160 to 250V
3
6
350 & 400V
5
6
450V
6
-
160 to 250V
0.20
350 & 400V
0.24
450V
0.24
?DIMENSIONS [mm]
?PART NUMBERING SYSTEM
10
0.6
5.0
fD
fd
F
fD'
L'
12.5
0.6
5.0
16
0.8
7.5
FD+0.5max.
L+1.5max.
18
0.8
7.5
?RATED RIPPLE CURRENT MULTIPLIERS
@Frequency Multipliers
120
1.0
1.0
1k
1.75
1.67
10k
2.25
1.75
100k
2.50
2.25
Capacitance (mF)
Frequency (Hz)
6.8 to 82
100 to 330
downsized
KXG
KMX
(F10)
(F12.5 to F18)
Gas escaped end seal
@Terminal Code : E
Supplement code
Size code
Capacitance tolerance code
Capacitance code (ex. 6.8MF:6R8,10MF:100,100MF:101)
Lead forming·taping code
Terminal code
Voltage code (ex. 160V:161,450V:451)
Series code
Category
E K X G A A A E A A A A A
A A A S
M
13
4
26
7
8
9
10
512
13
11
16
17
18
15
14
Please refer to "A guide to global code (radial lead type)"
(1/2)


Similar Part No. - EKXG161ESS101ML20S

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EKXG161E CHEMI-CON-EKXG161E Datasheet
367Kb / 2P
160 to 450Vdc long life, 105?
logo
List of Unclassifed Man...
EKXG161ELL100MJ16S ETC2-EKXG161ELL100MJ16S Datasheet
91Kb / 2P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
EKXG161ELL101MK25S ETC2-EKXG161ELL101MK25S Datasheet
91Kb / 2P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
EKXG161ELL101ML20S ETC2-EKXG161ELL101ML20S Datasheet
91Kb / 2P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
EKXG161ELL151ML20S ETC2-EKXG161ELL151ML20S Datasheet
91Kb / 2P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - EKXG161ESS101ML20S

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRBX NIC-NRBX Datasheet
166Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRE-LW NIC-NRE-LW Datasheet
187Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRE-LX NIC-NRE-LX Datasheet
38Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRE-SW NIC-NRE-SW Datasheet
134Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRSA NIC-NRSA Datasheet
168Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRSH NIC-NRSH Datasheet
282Kb / 3P
Miniature Aluminum Electrolytic Capacitors
NRWP NIC-NRWP Datasheet
189Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRWX NIC-NRWX Datasheet
139Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NSRW NIC-NSRW Datasheet
137Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NSRZ NIC-NSRZ Datasheet
121Kb / 1P
Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com