Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EKMG350ESS331MJC5S Datasheet(PDF) 1 Page - United Chemi-Con, Inc.

Part # EKMG350ESS331MJC5S
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

EKMG350ESS331MJC5S Datasheet(HTML) 1 Page - United Chemi-Con, Inc.

  EKMG350ESS331MJC5S Datasheet HTML 1Page - United Chemi-Con, Inc. EKMG350ESS331MJC5S Datasheet HTML 2Page - United Chemi-Con, Inc. EKMG350ESS331MJC5S Datasheet HTML 3Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Standard, Downsized, 105C
CAT. No. E1001E
Sleeve (PET)
L'
15min.
4min.
Vent
(except F5)
@Downsized from KME series
@Solvent-proof type except 350 to 450Vdc
(see PRECAUTIONS AND GUIDELINES)
@Pb-free design
?SPECIFICATIONS
(at 20C, 120Hz)
(at 20C)
(at 20C, 120Hz)
(at 120Hz)
(at 20C after 1 minute)
Category
Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current
Dissipation Factor
(tane)
Low Temperature
Characteristics
(Max. Impedance Ratio)
Endurance
Shelf Life
Items
-55 to +105C(6.3 to 100Vdc) -40 to +105C(160 to 400Vdc) -25 to +105C(450Vdc)
6.3 to 450Vdc
P20% (M)
6.3 to 100Vdc
160 to 450Vdc
I=0.03CV or 4MA, whichever is greater.
After 1minute
After 5minutes
CV[1000
I=0.1CV+40 max.
I=0.03CV+15 max.
CV
>1000
I=0.04CV+100 max.
I=0.02CV+25 max.
Where, I : Max. leakage current (MA), C : Nominal capacitance (MF), V : Rated voltage (V)
Rated voltage (Vdc)
tanE (Max.)
When nominal capacitance exceeds 1000MF, add 0.02 to the value above for each 1000MF increase.
Rated voltage (Vdc)
Z(-25C)/Z(+20C)
Z(-40C)/Z(+20C)
The following specifications shall be satisfied when the capacitors are restored to 20C after subjected to DC voltage with the rated
ripple current is applied for 1000 hours (2000 hours to meet the following two conditions 1) : 160Vdc and larger, 2) : F12.5 and larger) at 105C.
Capacitance change
[P20% of the initial value
D.F. (tanE)
[200% of the initial specified value
Leakage current
[The initial specified value
The following specifications shall be satisfied when the capacitors are restored to 20C after exposing them for 1000 hours at 105C
without voltage applied.
Rated voltage
6.3 to 100Vdc
160 to 450Vdc
Capacitance change
[P20% of the initial value
[P20% of the initial value
D.F. (tanE)
[200% of the initial specified value [200% of the initial specified value
Leakage current
[The initial specified value
[500% of the initial specified value
Characteristics
6.3V
0.34
10V
0.24
16V
0.20
25V
0.16
35V
0.14
50V
0.12
63V
0.10
100V
0.08
450V
0.24
160 to 250V
0.20
350 to 400V
0.24
6.3V
5
12
10V
4
10
16V
3
8
25V
2
5
35V
2
4
50V
2
3
63V
2
3
100V
2
3
450V
6
-
160 to 250V
3
4
350 to 400V
6
6
Time
CV
?DIMENSIONS [mm]
?PART NUMBERING SYSTEM
5
0.5
2.0
fD
fd
F
fD'
L'
6.3
0.5
2.5
8
0.6
3.5
12.5
0.6
5.0
16
0.8
7.5
18
0.8
7.5
10
0.6
5.0
FD+0.5max.
L+1.5max
(F5 to F10)
(F12.5 to F18)
Gas escape end seal
downsized
KMG
downsized
KME
KMQ
@Terminal Code : E
Supplement code
Size code
Capacitance tolerance code
Capacitance code (ex. 0.1MF:R10,10MF:100,100MF:101)
Lead forming·taping code
Terminal code
Voltage code (ex. 6.3V:6R3,35V:350,100V:101)
Series code
Category
E K M G A A A E A A A A A
A A A N
M
13
4
26
7
8
9
10
512
13
11
16
17
18
15
14
Please refer to "A guide to global code (radial lead type)"
(1/3)


Similar Part No. - EKMG350ESS331MJC5S

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EKMG350E CHEMI-CON-EKMG350E Datasheet
419Kb / 3P
Standard, Downsized, 105?
EKMG350E101MF11D CHEMI-CON-EKMG350E101MF11D Datasheet
105Kb / 3P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
EKMG350E101MF11D CHEMI-CON-EKMG350E101MF11D Datasheet
60Kb / 3P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
EKMG350E101MF11D CHEMI-CON-EKMG350E101MF11D Datasheet
69Kb / 3P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
EKMG350E101MF11D CHEMI-CON-EKMG350E101MF11D Datasheet
83Kb / 3P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - EKMG350ESS331MJC5S

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRBX NIC-NRBX Datasheet
166Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRE-LW NIC-NRE-LW Datasheet
187Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRE-LX NIC-NRE-LX Datasheet
38Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRE-SW NIC-NRE-SW Datasheet
134Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRSA NIC-NRSA Datasheet
168Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRSH NIC-NRSH Datasheet
282Kb / 3P
Miniature Aluminum Electrolytic Capacitors
NRWP NIC-NRWP Datasheet
189Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRWX NIC-NRWX Datasheet
139Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NSRW NIC-NSRW Datasheet
137Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NSRZ NIC-NSRZ Datasheet
121Kb / 1P
Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com