Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMVL6R3ADA331MHA0G Datasheet(PDF) 1 Page - United Chemi-Con, Inc.

Part # EMVL6R3ADA331MHA0G
Description  SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

EMVL6R3ADA331MHA0G Datasheet(HTML) 1 Page - United Chemi-Con, Inc.

  EMVL6R3ADA331MHA0G Datasheet HTML 1Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
3000 to 5000-hours-life, 105C
CAT. No. E1001E
@Endurance : 105C 3000 to 5000 hours
@Suitable for applications requiring long life such as continuously operating
equipment, industrial applications, etc
@Solvent-proof type (see PRECAUTIONS AND GUIDELINES)
@Pb-free design
?SPECIFICATIONS
(at 20C,120Hz)
(at 20C, after 2 minutes)
(at 20C,120Hz)
(120Hz)
Category
Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current
Dissipation Factor
(tane)
Low Temperature
Characteristics
(Max. impedance Ratio)
Endurance
Shelf Life
Items
-40 to +105C
6.3 to 50Vdc
P20%(M)
I=0.03CV or 4MA, whichever is greater
Where, I : Max. leakage current (MA), C : Nominal capacitance (MF), V : Rated voltage (V)
Rated voltage (Vdc)
Max. tanE
Rated voltage(Vdc)
Z(-25C)/Z(+20C)
Z(-40C)/Z(+20C)
After the capacitors are subjected to the rated DC voltage for 3000 hours (HA0 & JA0 sizes 5000 hours) at 105C, the following
specifications shall be satisfied when the capacitors are restored to 20C.
Capacitance change
[P30% of the initial measured value
D.F. (tanE)
[300% of the initial specified value
Leakage current
[The initial specified value
The following specifications shall be satisfied when the capacitors are restored to 20C after exposing them for 1000 hours at 105C
without voltage applied.
Capacitance change
[P30% of the initial measured value
D.F. (tanE)
[300% of the initial specified value
Leakage current
[The initial specified value
Characteristics
6.3V
0.28
6.3V
4
10
10V
0.24
10V
3
7
16V
0.20
16V
2
5
25V
0.16
25V
2
3
35V
0.13
35V
2
3
50V
0.12
50V
2
3
?PART NUMBERING SYSTEM
?DIMENSIONS [mm]
?STANDARD RATINGS
?MARKING
LP0.3 (Note)
0.3max.
AP0.2
W
Note : LP0.5 for H63 to JA0
Size code
D60
E60
F60
F80
H63
HA0
JA0
D
4
5
6.3
6.3
8
8
10
L
5.7
5.7
5.7
7.7
6.3
10.0
10.0
A
4.3
5.3
6.6
6.6
8.3
8.3
10.3
B
4.3
5.3
6.6
6.6
8.3
8.3
10.3
C
5.1
5.9
7.2
7.2
9.0
9.0
11.0
W
0.5 to 0.8
0.5 to 0.8
0.5 to 0.8
0.5 to 0.8
0.5 to 0.8
0.7 to 1.1
0.7 to 1.1
P
1.0
1.4
1.9
1.9
2.3
3.1
4.5
9hL
47
16V
EX) 16V47MF
Longer life
MVL
MVJ
WV
(Vdc)
Cap
(mF)
Size code
tane
Rated ripple
current
(mArms/
105c,120Hz)
Part No.
6.3
22
D60
0.28
22
EMVL6R3ADA220MD60G
47
E60
0.28
36
EMVL6R3ADA470ME60G
100
F60
0.28
60
EMVL6R3ADA101MF60G
220
F80
0.28
101
EMVL6R3ADA221MF80G
330
HA0
0.28
160
EMVL6R3ADA331MHA0G
1000
JA0
0.28
313
EMVL6R3ADA102MJA0G
10
33
E60
0.24
35
EMVL100ADA330ME60G
220
HA0
0.24
141
EMVL100ADA221MHA0G
16
10
D60
0.20
18
EMVL160ADA100MD60G
22
E60
0.20
30
EMVL160ADA220ME60G
47
F60
0.20
50
EMVL160ADA470MF60G
100
F80
0.20
81
EMVL160ADA101MF80G
470
JA0
0.20
254
EMVL160ADA471MJA0G
25
33
F60
0.16
48
EMVL250ADA330MF60G
47
F80
0.16
63
EMVL250ADA470MF80G
100
HA0
0.16
116
EMVL250ADA101MHA0G
330
JA0
0.16
238
EMVL250ADA331MJA0G
WV
(Vdc)
Cap
(mF)
Size code
tane
Rated ripple
current
(mArms/
105c,120Hz)
Part No.
35
4.7
D60
0.13
15
EMVL350ADA4R7MD60G
10
E60
0.13
25
EMVL350ADA100ME60G
22
F60
0.13
42
EMVL350ADA220MF60G
33
F80
0.13
57
EMVL350ADA330MF80G
220
JA0
0.13
216
EMVL350ADA221MJA0G
50
0.10
D60
0.12
1.0
EMVL500ADAR10MD60G
0.22
D60
0.12
2.6
EMVL500ADAR22MD60G
0.33
D60
0.12
3.2
EMVL500ADAR33MD60G
0.47
D60
0.12
3.8
EMVL500ADAR47MD60G
1.0
D60
0.12
6.2
EMVL500ADA1R0MD60G
2.2
D60
0.12
11
EMVL500ADA2R2MD60G
3.3
D60
0.12
14
EMVL500ADA3R3MD60G
4.7
E60
0.12
19
EMVL500ADA4R7ME60G
10
F60
0.12
30
EMVL500ADA100MF60G
22
F80
0.12
49
EMVL500ADA220MF80G
33
HA0
0.12
77
EMVL500ADA330MHA0G
47
HA0
0.12
92
EMVL500ADA470MHA0G
100
JA0
0.12
151
EMVL500ADA101MJA0G
@Terminal Code : A
Supplement code
Size code
Capacitance tolerance code
Capacitance code (ex. 4.7MF:4R7,10MF:100)
Taping code
Terminal code
Voltage code (ex. 6.3V:6R3,10V:100,50V:500)
Series code
Category
E M V L A A A A D A A A A
A A A G
M
13
4
26
7
8
9
10
512
13
11
16
17
18
15
14
Please refer to "A guide to global code (surface mount type)"
(1/1)


Similar Part No. - EMVL6R3ADA331MHA0G

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EMVL6R3ADA331MHA0G CHEMI-CON-EMVL6R3ADA331MHA0G Datasheet
361Kb / 2P
3000 to 5000-hours-life, 105?
More results

Similar Description - EMVL6R3ADA331MHA0G

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NACK NIC-NACK Datasheet
48Kb / 3P
Surface Mount Aluminum Electrolytic Capacitors
NACNW NIC-NACNW Datasheet
172Kb / 1P
Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
Surface Mount Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACVF NIC-NACVF_14 Datasheet
85Kb / 2P
Surface Mount Aluminum Electrolytic Capacitors
NAWS NIC-NAWS Datasheet
97Kb / 3P
Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com