Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT54SWPBF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BAT54SWPBF
Description  Schottky Rectifier, 2 x 0.1 A
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAT54SWPBF Datasheet(HTML) 1 Page - Vishay Siliconix

  BAT54SWPBF Datasheet HTML 1Page - Vishay Siliconix BAT54SWPBF Datasheet HTML 2Page - Vishay Siliconix BAT54SWPBF Datasheet HTML 3Page - Vishay Siliconix BAT54SWPBF Datasheet HTML 4Page - Vishay Siliconix BAT54SWPBF Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Document Number: 94273
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 19-Sep-08
1
Schottky Rectifier, 2 x 0.1 A
BAT54SWPbF
Vishay High Power Products
FEATURES
• Small foot print, surface mountable
• Very low forward voltage drop
• Extremely fast switching speed for high
frequency operation
• Guard ring for enhanced ruggedness and long term
reliability
• Lead (Pb)-free
• Designed and qualified for industrial level
DESCRIPTION
This Schottky barrier diode is designed for high speed
switching
applications,
voltage
clamping
and
circuit
protection. Miniature surface mount packages with reduced
foot print are excellent for portable applications where space
is limited.
PRODUCT SUMMARY
IF(AV)
2 x 0.1 A
VR
30 V
SOT-323
2
1
3
(A)
(K)
Available
Pb-free
RoHS*
COMPLIANT
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF
DC
0.2
A
VRRM
30
V
IFSM
tp = 10 ms sine
1.0
A
VF
30 mA DC, TJ = 25 °C
0.5
V
Pd
Power dissipation at TA = 25 °C
200
mW
TJ
Range
- 65 to 150
°C
VOLTAGE RATINGS
PARAMETER
SYMBOL
BAT54SWPbF
UNITS
Maximum DC reverse voltage
VR
30
V
Maximum working peak reverse voltage
VRWM
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average
forward current
per leg
IF(AV)
DC
0.1
A
per device
0.2
Maximum peak one cycle
non-repetitive surge current
at TJ = 25 °C
IFSM
5 µs sine or 3 µs rect. pulse
Following any rated load
condition and with rated
VRRM applied
8.4
10 ms sine or 6 ms rect. pulse
1.0
* Pb containing terminations are not RoHS compliant, exemptions may apply


Similar Part No. - BAT54SWPBF

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAT54SW PANJIT-BAT54SW Datasheet
121Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER
logo
NXP Semiconductors
BAT54SW PHILIPS-BAT54SW Datasheet
29Kb / 5P
Schottky barrier double diodes
1996 Mar 19
logo
STMicroelectronics
BAT54SW STMICROELECTRONICS-BAT54SW Datasheet
52Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
Jun-1999
logo
Diodes Incorporated
BAT54SW DIODES-BAT54SW Datasheet
52Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30065 Rev. 2P-1
logo
Diotec Semiconductor
BAT54SW DIOTEC-BAT54SW Datasheet
384Kb / 2P
Surface mount Schottky-Barrier Double-Diodes
More results

Similar Description - BAT54SWPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAT54A VISHAY-BAT54A Datasheet
75Kb / 5P
Schottky Diode, 2 x 0.1 A
22-Aug-08
BAT54AW VISHAY-BAT54AW Datasheet
71Kb / 5P
Schottky Rectifier, 2 x 0.1 A
20-Oct-08
BAT54AWPBF VISHAY-BAT54AWPBF Datasheet
73Kb / 5P
Schottky Rectifier, 2 x 0.1 A
19-Sep-08
BAT54C VISHAY-BAT54C Datasheet
75Kb / 5P
Schottky Diode, 2 x 0.1 A
22-Aug-08
BAT54CPBF VISHAY-BAT54CPBF Datasheet
78Kb / 5P
Schottky Diode, 2 x 0.1 A
19-Sep-08
BAT54CW VISHAY-BAT54CW Datasheet
74Kb / 5P
Schottky Diode, 2 x 0.1 A
22-Aug-08
BAT54CWPBF VISHAY-BAT54CWPBF Datasheet
76Kb / 5P
Schottky Diode, 2 x 0.1 A
19-Sep-08
BAT54S VISHAY-BAT54S Datasheet
75Kb / 5P
Schottky Diode, 2 x 0.1 A
22-Aug-08
BAT54SW VISHAY-BAT54SW Datasheet
76Kb / 5P
Schottky Rectifier, 2 x 0.1 A
22-Aug-08
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com