Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCF4024026G Datasheet(PDF) 2 Page - Pletronics, Inc.

Part # TCF4024026G
Description  TCVCXO Oscillator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

TCF4024026G Datasheet(HTML) 2 Page - Pletronics, Inc.

  TCF4024026G Datasheet HTML 1Page - Pletronics, Inc. TCF4024026G Datasheet HTML 2Page - Pletronics, Inc. TCF4024026G Datasheet HTML 3Page - Pletronics, Inc. TCF4024026G Datasheet HTML 4Page - Pletronics, Inc. TCF4024026G Datasheet HTML 5Page - Pletronics, Inc. TCF4024026G Datasheet HTML 6Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TCF4 Series
TCVCXO Oscillator
January 2009
www.pletronics.com
425-776-1880
2
Part Number:
TCF4
031
035
G
H
015
008
-12.75M
-XX
Internal code or blank
Nominal Frequency in MHZ
Pullability in ppm (Vcontrol)
000 = TCXO only
008 = +
_ 8 ppm minimum
015 = +
_ 15 ppm minimum
Stability in ppm
010 = +
_ 1 ppm
015 = +
_ 1.5 ppm
025 = +
_ 2.5 ppm
Highest Specified Operating Temperature
A = +40
oC
E = +60
oC
J = +80
oC
B = +45
oC
F = +65
oC K = +85oC
C = +50
oC
G = +70
oC
D = +55
oC
H = +75
oC
Lowest Specified Operating Temperature
A = +10
oC
E = -10
oC
J = -30
oC
B = +5
oC
F = -15
oC
K = -35
oC
C = +0
oC
G = -20
oC
L = -40
oC
D = -5
oC
H = -25
oC
M = -45
oC
Highest Supply Voltage *
035 = 3.5 volts for 3.3 volts nominal
031 = 3.1 volts for 3.0 volts nominal
026 = 2.6 volts for 2.5 volts nominal
Lowest Supply Voltage *
031 = 3.1 volts for 3.3 volts nominal
029 = 2.9 volts for 3.0 volts nominal
024 = 2.4 volts for 2.5 volts nominal
Series (Part Type, Logic & Package)
* Supply Voltage: Select range between 2.7V and 5.0V with Highest / Lowest < 1.10
For Example: the part number for 3.3V nominal would be TCE4032034.........
Part Marking:
XXXXXX
Where:
XXXXX = process code for crystal
Pwwyzz
wwyzz = Date code



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com