Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VHD6031035GD Datasheet(PDF) 2 Page - Pletronics, Inc.

Part # VHD6031035GD
Description  3.3V VCXO CMOS Oscillator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

VHD6031035GD Datasheet(HTML) 2 Page - Pletronics, Inc.

  VHD6031035GD Datasheet HTML 1Page - Pletronics, Inc. VHD6031035GD Datasheet HTML 2Page - Pletronics, Inc. VHD6031035GD Datasheet HTML 3Page - Pletronics, Inc. VHD6031035GD Datasheet HTML 4Page - Pletronics, Inc. VHD6031035GD Datasheet HTML 5Page - Pletronics, Inc. VHD6031035GD Datasheet HTML 6Page - Pletronics, Inc. VHD6031035GD Datasheet HTML 7Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
VHD6 Series 3.3V
VCXO CMOS Oscillator
December 2008
www.pletronics.com
425-776-1880
2
Part Number:
VHD6031035
E
G
500
100
-16.384M
-XX
Internal code or blank
Nominal Frequency in MHZ
Pullability in ppm (Vcontrol)
050 = +
_ 50 ppm
minimum
100 = +
_ 100 ppm minimum
Stability in ppm
000 = APR
500 = +
_ 50 ppm
250 = +
_ 25 ppm
Highest Specified Operating Temperature
A = +40
oC
F = +65
oC
L = +90
oC
B = +45
oC
G = +70
oC
M = +95
oC
C = +50
oC
H = +75
oC
N = +100
oC
D = +55
oC
J = +80
oC
P = +105
oC
E = +60
oC
K = +85
oC
Lowest Specified Operating Temperature
A = +10
oC
E = -10
oC
J = -30
oC
B = +5
oC
F = -15
oC
K = -35
oC
C = +0
oC
G = -20
oC
L = -40
oC
D = -5
oC
H = -25
oC
M = -45
oC
Series (Part Type, Logic & Package)
Part Marking:
PLE VHD6
FF.FFFM
C YMDXX
Legend:
P or PLE
= Pletronics
FF.FFFM
= Frequency in MHZ
YMD
= Date of Manufacture
xx
= Internal factory codes
Specifications such as frequency stability, supply voltage and operating temperature range, etc. are not
identified from the marking. External packaging labels and packing list will correctly identify the ordered
Pletronics part number.
Codes for Date Code YMD
Code
8
9
0
1
2
3
4
Year
2008
2009
2010
2011
2012
2013
2014
Code
A
B
C
D
E
F
G
H
J
K
L
M
Month
JAN
FEB
MAR
APR
MAY
JUN
JUL
AUG
SEP
OCT
NOV
DEC
Code
123456789
A
B
C
Day
123456789
10
11
12
Code
D
E
F
G
H
J
K
L
M
N
P
R
Day
1314151617181920212223
24
Code
T
U
V
W
X
Y
Z
Day
25262728293031



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com