Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E767100VGS273MP79C Datasheet(PDF) 1 Page - United Chemi-Con, Inc.

Part # E767100VGS273MP79C
Description  Large Tubulars
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

E767100VGS273MP79C Datasheet(HTML) 1 Page - United Chemi-Con, Inc.

  E767100VGS273MP79C Datasheet HTML 1Page - United Chemi-Con, Inc. E767100VGS273MP79C Datasheet HTML 2Page - United Chemi-Con, Inc. E767100VGS273MP79C Datasheet HTML 3Page - United Chemi-Con, Inc. E767100VGS273MP79C Datasheet HTML 4Page - United Chemi-Con, Inc. E767100VGS273MP79C Datasheet HTML 5Page - United Chemi-Con, Inc. E767100VGS273MP79C Datasheet HTML 6Page - United Chemi-Con, Inc. E767100VGS273MP79C Datasheet HTML 7Page - United Chemi-Con, Inc. E767100VGS273MP79C Datasheet HTML 8Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
1/8
U767D Series
The U767D series, the industry’s standard 125 C aluminum electrolytic, offers a wide voltage range,
long life, high capacitance and high ripple current capability. These U767D series capacitors allow the
designer to reduce the size, weight and cost of high performance automotive 36V and 42V systems.
These capacitors maintain a continuous 3,000 hour, 125 C load life (12,000 hours at 105 C with the
125 C rated ripple current applied) and are high vibration resistant. The U767D capacitors are
available in either the standard three lead (keyed polarity) radial vertical mounting or the optional low
profile three formed lead horizontal mounting style. Custom designs are available upon request.
The U767D capacitors are not solvent proof. Refer to guidelines and precautions on the website for
usage and installation conditions recommended for United Chemi-Con products.
3 radial leads for vertical mount; optional 3 formed leads for horizontal mount.
Capacitance range: 47 to 56,000µF.
Voltage range: 6.3 to 250VDC.
Category temperature range:
55 Cto
125 C.
Leakage current in µA: I = K CV : K = 0.5 at
25 C, 4.0 at
125 C after 5 minutes.
Standard capacitance tolerance:
20%
Nominal case size (D
L): 19
29mm to 25
92mm.
Rated lifetime: 3,000 hours at
125 C with rated ripple current applied and
12,000 hours at
105 C with
125 C rated ripple current applied.
Summary of Specifications
Large Tubulars
High 125 C
Temperature
Designed For
Automotive 36V
and 42V Systems
Vibration Resistant
Optional Low
Profile Mounting
U767D SERIES
Engineering Bulletin Mar 07


Similar Part No. - E767100VGS273MP79C

ManufacturerPart #DatasheetDescription
logo
Eclipse Magnetics Ltd
E767NEO ECLIPSEMAGNETICS-E767NEO Datasheet
160Kb / 2P
Neodymium Magnets
E767NEO ECLIPSEMAGNETICS-E767NEO Datasheet
180Kb / 1P
Neodymium NdFeB
More results

Similar Description - E767100VGS273MP79C

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
E7876R3VGS332MT29C CHEMI-CON-E7876R3VGS332MT29C Datasheet
134Kb / 7P
Large Tubulars
E32D100HPN CHEMI-CON-E32D100HPN Datasheet
148Kb / 12P
Large Can
E32D350HPN CHEMI-CON-E32D350HPN Datasheet
148Kb / 12P
Large Can
E32F351CPN CHEMI-CON-E32F351CPN Datasheet
129Kb / 9P
Large Can
E32F421HPN CHEMI-CON-E32F421HPN Datasheet
129Kb / 9P
Large Can
E32F501HPN CHEMI-CON-E32F501HPN Datasheet
129Kb / 9P
Large Can
E36D100HPN CHEMI-CON-E36D100HPN Datasheet
143Kb / 13P
Large Can
E36D251HPN CHEMI-CON-E36D251HPN Datasheet
143Kb / 13P
Large Can
E36D350HPN CHEMI-CON-E36D350HPN Datasheet
143Kb / 13P
Large Can
E36D501HPN CHEMI-CON-E36D501HPN Datasheet
143Kb / 13P
Large Can
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com