Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT85S Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BAT85S
Description  Small Signal Schottky Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAT85S Datasheet(HTML) 2 Page - Vishay Siliconix

  BAT85S Datasheet HTML 1Page - Vishay Siliconix BAT85S Datasheet HTML 2Page - Vishay Siliconix BAT85S Datasheet HTML 3Page - Vishay Siliconix BAT85S Datasheet HTML 4Page - Vishay Siliconix BAT85S Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
2
Document Number 85513
Rev. 1.8, 26-Feb-07
BAT85S
Vishay Semiconductors
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Typical Characteristics
Tamb = 25 °C, unless otherwise specified
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward voltage
IF = 0.1 mA
VF
240
mV
IF = 1 mA
VF
320
mV
IF = 10 mA
VF
400
mV
IF = 30 mA
VF
500
mV
IF = 100 mA
VF
800
mV
Reverse current
VR = 25 V
IR
2µA
Diode capacitance
VR = 1 V, f = 1 MHz
CD
10
pF
Reverse Recovery Time
IF = 10 mA to IR = 10 mA to iR = 1 mA
trr
5ns
Figure 1. Max. Reverse Power Dissipation vs.
Junction Temperature
Figure 2. Reverse Current vs. Junction Temperature
0
20
40
60
80
100
120
140
160
180
200
25
50
75
100
125
150
T
j - Junction Temperature (°C)
15822
V
R = 30 V
R
thJA = 540 kW
P
R - Limit
at 100 % V
R
P
R - Limit
at 80 % V
R
1
10
100
1000
25
50
75
100
125
150
15823
V
R = VRRM
T
j - Junction Temperature (°C)
Figure 3. Forward Current vs. Forward Voltage
Figure 4. Diode Capacitance vs. Reverse Voltage
0
0.5
1.0
1.5
15824
0.1
1
10
100
1000
T
j = 125 °C
V
F - Forward Voltage (V)
T
j = 25 °C
0
1
2
3
4
5
6
7
8
9
10
0.1
1
10
100
15825
f = 1 MHz
V
R - Reverse Voltage (V)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com