Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV20WS-V-GS18 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # BAV20WS-V-GS18
Description  Small Signal Switching Diodes, High Voltage
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAV20WS-V-GS18 Datasheet(HTML) 3 Page - Vishay Siliconix

  BAV20WS-V-GS18 Datasheet HTML 1Page - Vishay Siliconix BAV20WS-V-GS18 Datasheet HTML 2Page - Vishay Siliconix BAV20WS-V-GS18 Datasheet HTML 3Page - Vishay Siliconix BAV20WS-V-GS18 Datasheet HTML 4Page - Vishay Siliconix BAV20WS-V-GS18 Datasheet HTML 5Page - Vishay Siliconix BAV20WS-V-GS18 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BAV19WS-V/20WS-V/21WS-V
Document Number 85726
Rev. 1.4, 31-Jul-06
Vishay Semiconductors
www.vishay.com
3
Typical Characteristics
Tamb = 25 °C, unless otherwise specified
Figure 1. Forward Current vs. Forward Voltage
Figure 2. Admissible Forward Current vs. Ambient Temperature
Figure 3. Admissible Power Dissipation vs. Ambient Temperature
18858
1000
100
10
1
0.1
0.01
0
0.4
0.6
0.8
1
0.2
VF - Forward Voltage (V)
=100
°C
Tj
25
°C
0.1
0.2
0.3
0.1
0
0
30
60
90
120
150
18859
Tamb - Ambient Temperature (°C)
I
Current (rectif.) O
I
DC current F
200
18864
Tamb - Ambient Temperature (°C)
250
200
150
100
50
20 40 60 80 100 120 140 160 180
0
0
Figure 4. Dynamic Forward Resistance vs. Forward Current
Figure 5. Leakage Current vs. Junction Temperature
Figure 6. Capacitance vs. Reverse Voltage
10
100
1
1
100
10
18861
IF - Forward Current (mA)
0.1
18862
1
10
100
1000
020
40 60 80 100 120 140 160 180 200
Tj - Junction Temperature (°C)
Reverse Voltage
BAV19WS-VV = 100 V
R
BAV20WS-VV = 150 V
R
BAV21WS-VV = 200 V
R
18863
110
0.1
0.8
0.6
0.4
1.4
1.2
1.0
0.2
0
100
VR - Reverse Voltage (V)
2.0
1.8
1.6
=25
°C
Tj



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com