Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV103 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BAV103
Description  Small Signal Switching Diodes, High Voltage
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAV103 Datasheet(HTML) 1 Page - Vishay Siliconix

  BAV103 Datasheet HTML 1Page - Vishay Siliconix BAV103 Datasheet HTML 2Page - Vishay Siliconix BAV103 Datasheet HTML 3Page - Vishay Siliconix BAV103 Datasheet HTML 4Page - Vishay Siliconix BAV103 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BAV100/101/102/103
Document Number 85542
Rev. 1.6, 13-Feb-07
Vishay Semiconductors
www.vishay.com
1
94 9371
Small Signal Switching Diodes, High Voltage
Features
• Silicon Epitaxial Planar Diodes
• Lead (Pb)-free component
• Component in accordance to
RoHS 2002/95/EC and WEEE 2002/96/EC
Applications
• General purposes
Mechanical Data
Case: MiniMELF Glass case (SOD80)
Weight: approx. 31 mg
Cathode Band Color: Black
Packaging Codes/Options:
GS18/10 k per 13" reel (8 mm tape), 10 k/box
GS08/2.5 k per 7" reel (8 mm tape), 12.5 k/box
Parts Table
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Part
Type differentiation
Ordering code
Type Marking
Remarks
BAV100
VRRM = 60 V
BAV100-GS18 or BAV100-GS08
-
Tape and Reel
BAV101
VRRM = 120 V
BAV101-GS18 or BAV101-GS08
-
Tape and Reel
BAV102
VRRM = 200 V
BAV102-GS18 or BAV102-GS08
-
Tape and Reel
BAV103
VRRM = 250 V
BAV103-GS18 or BAV103-GS08
-
Tape and Reel
Parameter
Test condition
Part
Symbol
Value
Unit
Repetitive peak reverse voltage
BAV100
VRRM
60
V
BAV101
VRRM
120
V
BAV102
VRRM
200
V
BAV103
VRRM
250
V
Reverse voltage
BAV100
VR
50
V
BAV101
VR
100
V
BAV102
VR
150
V
BAV103
VR
200
V
Peak forward surge current
tp = 1 s
IFSM
1A
Repetitive peak forward current
IFRM
625
mA
Forward continuous current
IF
250
mA
Power dissipation
Ptot
500
mW
e2


Similar Part No. - BAV103

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAV103 PHILIPS-BAV103 Datasheet
34Kb / 8P
General purpose diodes
1996 Sep 17
logo
Vishay Siliconix
BAV103 VISHAY-BAV103 Datasheet
54Kb / 4P
Silicon Epitaxial Planar Diodes
01-Apr-99
logo
Fairchild Semiconductor
BAV103 FAIRCHILD-BAV103 Datasheet
25Kb / 3P
High Voltage, General Purpose Diode
logo
Diodes Incorporated
BAV103 DIODES-BAV103 Datasheet
58Kb / 2P
SURFACE MOUNT SWITCHING DIODE
DS12017 Rev. J-2
logo
General Semiconductor
BAV103 GE-BAV103 Datasheet
144Kb / 4P
Small Signal Diodes
More results

Similar Description - BAV103

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAS19-V VISHAY-BAS19-V Datasheet
116Kb / 6P
Small Signal Switching Diodes, High Voltage
22-Jul-05
BAV19W-V VISHAY-BAV19W-V Datasheet
101Kb / 6P
Small Signal Switching Diodes, High Voltage
22-Jul-05
BAV301 VISHAY-BAV301 Datasheet
135Kb / 6P
Small Signal Switching Diodes, High Voltage
07-Mar-06
BAV17 VISHAY-BAV17_12 Datasheet
106Kb / 4P
Small Signal Switching Diodes, High Voltage
02-Aug-12
BAV19W-V-G VISHAY-BAV19W-V-G_12 Datasheet
71Kb / 5P
Small Signal Switching Diodes, High Voltage
26-Nov-10
BAV19WS VISHAY-BAV19WS_12 Datasheet
84Kb / 4P
Small Signal Switching Diodes, High Voltage
02-Aug-12
BAV19WS VISHAY-BAV19WS_17 Datasheet
87Kb / 4P
Small Signal Switching Diodes, High Voltage
12-Jul-17
BAS19G VISHAY-BAS19G Datasheet
95Kb / 4P
Small Signal Switching Diodes, High Voltage
13-Feb-18
BAV19WG VISHAY-BAV19WG Datasheet
111Kb / 5P
Small Signal Switching Diodes, High Voltage
22-Feb-18
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com