Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPBSA40M Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS

Part # LPBSA40M
Description  PRESS FIT AVALANCHE AUTOMOTIVE RECTIFIER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

LPBSA40M Datasheet(HTML) 1 Page - MIC GROUP RECTIFIERS

  LPBSA40M Datasheet HTML 1Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PRESS FIT AVALANCHE AUTOMOTIVE RECTIFIER
AVALANCHE VOLTAGE
37 to 41 Volts
LPBA40M/LPBSA40M
CURRENT
40 Amperes
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
Technical Specifecation:
Features:
•
High power capability
•
Economical
•
Avalanche Voltage: 37V to 41V
MECHANICAL DATA
•
Case: Copper case
•
Polarity: As marked of case bottom
•
Structural: With cell
•
Technology cell vacuum soldered
•
Lead: Plated slug, solderable per MIL-STD-202E
Method 208C
•
Mounting: Press Fit
•
Weight: 0.17 ounces 4.84 grams (LPB)
•
Weight: 0.14 ounces 3.96 grams (LPBS)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
•
Ratings at 25℃ ambient temperature unless otherwise specified
•
Single Phase, half wave, 60Hz, resistive or inductive load
•
For capacitive load derate current by 20%
Electrical Characteristics @ 25℃
SYMBOLS
MIN
NOMINAL
MAX
UNITS
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRRM
VDC
28
28
28
Volts
Average Rectified Forward Current (Tc=125℃)
Io
40
Amps
Repetitive Peak Reverse Surge Current
Tc=10msec Dury Cycle<1%
IRSM
40
Amps
Breakdown Voltage (Vbr@ir=100mA, Tc=25℃)
Ir=90Amps, Tc=150℃, PW=80usec
Vbr1
Vbr2
37
39
41
54
Volts
Volts
Forward Voltage Drop @If=100Amps<300usec
VF
1.05
1.08
Volts
Peak Forward Surge Current
IFSM
500
Amps
Reverse Leakage (VR=17Vdc) TA=25℃
IR
1.0
2.0
uAmps
Operating and Storage Junction Temperature Range
TJ ,TSTG
-65 to +175
℃
Notes: 1. Enough heatsink must be considered in application.
Fig.1
Surge current characteristics
50
30
10
0
I
(EXP)
RRM
RRM
I
(EXP)
LPB
LPBS
Dimensions in inches and (millimeters)
Φ10.18-10.23
9.00
± 0.2
Φ1.28±0.5
stannum
stannum
Φ1.28±0.5
10.30
± 0.2
Φ10.77-10.83


Similar Part No. - LPBSA40M

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
LPBSA40L MIC-LPBSA40L Datasheet
40Kb / 1P
PRESS FIT AVALANCHE AUTOMOTIVE RECTIFIER
LPBSA40Z MIC-LPBSA40Z Datasheet
40Kb / 1P
PRESS FIT AVALANCHE AUTOMOTIVE RECTIFIER
More results

Similar Description - LPBSA40M

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
LPBA30L MIC-LPBA30L Datasheet
40Kb / 1P
PRESS FIT AVALANCHE AUTOMOTIVE RECTIFIER
LPBA40L MIC-LPBA40L Datasheet
40Kb / 1P
PRESS FIT AVALANCHE AUTOMOTIVE RECTIFIER
LPBA50M MIC-LPBA50M Datasheet
40Kb / 1P
PRESS FIT AVALANCHE AUTOMOTIVE RECTIFIER
LPBA50Z MIC-LPBA50Z Datasheet
40Kb / 1P
PRESS FIT AVALANCHE AUTOMOTIVE RECTIFIER
logo
Shenzhen Ping Sheng Ele...
PRBA40L PFS-PRBA40L Datasheet
97Kb / 1P
PRESS FIT AVALANCHE AUTOMOTIVE RECTIFIER
LPRA40L PFS-LPRA40L Datasheet
95Kb / 1P
PRESS FIT AVALANCHE AUTOMOTIVE RECTIFIER
LPRA30M PFS-LPRA30M Datasheet
95Kb / 1P
PRESS FIT AVALANCHE AUTOMOTIVE RECTIFIER
logo
GOOD-ARK Electronics
GAABJ40L GOOD-ARK-GAABJ40L Datasheet
45Kb / 1P
Press Fit Avalanche Automotive Rectifier
GAABJ40M GOOD-ARK-GAABJ40M Datasheet
45Kb / 1P
Press Fit Avalanche Automotive Rectifier
GAAH40 GOOD-ARK-GAAH40 Datasheet
57Kb / 1P
Press Fit Avalanche Automotive Rectifier
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com