Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E767101VGS182MP79C Datasheet(PDF) 5 Page - United Chemi-Con, Inc.

Part # E767101VGS182MP79C
Description  Large Tubulars
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

E767101VGS182MP79C Datasheet(HTML) 5 Page - United Chemi-Con, Inc.

  E767101VGS182MP79C Datasheet HTML 1Page - United Chemi-Con, Inc. E767101VGS182MP79C Datasheet HTML 2Page - United Chemi-Con, Inc. E767101VGS182MP79C Datasheet HTML 3Page - United Chemi-Con, Inc. E767101VGS182MP79C Datasheet HTML 4Page - United Chemi-Con, Inc. E767101VGS182MP79C Datasheet HTML 5Page - United Chemi-Con, Inc. E767101VGS182MP79C Datasheet HTML 6Page - United Chemi-Con, Inc. E767101VGS182MP79C Datasheet HTML 7Page - United Chemi-Con, Inc. E767101VGS182MP79C Datasheet HTML 8Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
16 Volts
20 Volts Surge
10 Volts
13 Volts Surge
6.3 Volts
8 Volts Surge
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
5/8
U767D Series
3,900
E7676R3VGS392MT29C
0.750
1.125
T29
32.0
39.0
7.0
6,800
E7676R3VGS682MT35C
0.750
1.375
T35
27.5
32.5
8.5
10,000
E7676R3VGS103MT41C
0.750
1.625
T41
23.0
26.0
10.0
15,000
E7676R3VGS153MT54C
0.750
2.125
T54
16.0
19.0
12.0
18,000
E7676R3VGS183MT67C
0.750
2.625
T67
13.0
16.0
15.0
22,000
E7676R3VGS223MT79C
0.750
3.125
T79
10.0
13.0
18.0
5,600
E7676R3VGS562MP29C
0.875
1.125
P29
25.0
27.0
10.5
10,000
E7676R3VGS103MP35C
0.875
1.375
P35
20.0
22.0
12.0
12,000
E7676R3VGS123MP41C
0.875
1.625
P41
15.0
17.0
13.5
18,000
E7676R3VGS183MP54C
0.875
2.125
P54
11.0
12.0
16.5
27,000
E7676R3VGS273MP67C
0.875
2.625
P67
8.5
10.0
20.0
33,000
E7676R3VGS333MP79C
0.875
3.125
P79
7.5
9.0
23.0
8,200
E7676R3VGS822MQ29C
1.000
1.125
Q29
17.0
21.0
13.5
15,000
E7676R3VGS153MQ35C
1.000
1.375
Q35
14.0
17.5
15.0
18,000
E7676R3VGS183MQ41C
1.000
1.625
Q41
11.0
14.0
16.5
27,000
E7676R3VGS273MQ54C
1.000
2.125
Q54
8.5
11.0
20.0
39,000
E7676R3VGS393MQ67C
1.000
2.625
Q67
7.0
9.0
23.0
47,000
E7676R3VGS473MQ79C
1.000
3.125
Q79
6.0
8.0
27.0
56,000
E7676R3VGS563MQ92C
1.000
3.625
Q92
5.0
8.0
32.0
3,300
E767100VGS332MT29C
0.750
1.125
T29
32.0
39.0
7.0
5,600
E767100VGS562MT35C
0.750
1.375
T35
27.5
32.5
8.5
6,800
E767100VGS682MT41C
0.750
1.625
T41
23.0
26.0
10.0
10,000
E767100VGS103MT54C
0.750
2.125
T54
16.0
19.0
12.0
15,000
E767100VGS153MT67C
0.750
2.625
T67
13.0
16.0
15.0
18,000
E767100VGS183MT79C
0.750
3.125
T79
10.0
13.0
18.0
4,700
E767100VGS472MP29C
0.875
1.125
P29
25.0
27.0
10.5
6,800
E767100VGS682MP35C
0.875
1.375
P35
20.0
22.0
12.0
10,000
E767100VGS103MP41C
0.875
1.625
P41
15.0
17.0
13.5
15,000
E767100VGS153MP54C
0.875
2.125
P54
11.0
12.0
16.5
18,000
E767100VGS183MP67C
0.875
2.625
P67
8.5
10.0
20.0
27,000
E767100VGS273MP79C
0.875
3.125
P79
7.5
9.0
23.0
6,800
E767100VGS681MQ29C
1.000
1.125
Q29
17.0
21.0
13.5
10,000
E767100VGS103MQ35C
1.000
1.375
Q35
14.0
17.5
15.0
15,000
E767100VGS153MQ41C
1.000
1.625
Q41
11.0
14.0
16.5
22,000
E767100VGS223MQ54C
1.000
2.125
Q54
8.5
11.0
20.0
27,000
E767100VGS273MQ67C
1.000
2.625
Q67
7.0
9.0
23.0
39,000
E767100VGS393MQ79C
1.000
3.125
Q79
6.0
8.0
27.0
47,000
E767100VGS473MQ92C
1.000
3.625
Q92
5.0
8.0
32.0
2,200
E767160VGS222MT29C
0.750
1.125
T29
32.0
39.0
7.0
3,900
E767160VGS392MT35C
0.750
1.375
T35
27.5
32.5
8.5
5,600
E767160VGS562MT41C
0.750
1.625
T41
23.0
26.0
10.0
8,200
E767160VGS822MT54C
0.750
2.125
T54
16.0
19.0
12.0
10,000
E767160VGS103MT67C
0.750
2.625
T67
13.0
16.0
15.0
15,000
E767160VGS153MT79C
0.750
3.125
T79
10.0
13.0
18.0
3,300
E767160VGS332MP29C
0.875
1.125
P29
25.0
27.0
10.5
5,600
E767160VGS562MP35C
0.875
1.375
P35
20.0
22.0
12.0
8,200
E767160VGS822MP41C
0.875
1.625
P41
15.0
17.0
13.5
12,000
E767160VGS123MP54C
0.875
2.125
P54
11.0
12.0
16.5
15,000
E767160VGS153MP67C
0.875
2.625
P67
8.5
10.0
20.0
18,000
E767160VGS183MP79C
0.875
3.125
P79
7.5
9.0
23.0
5,600
E767160VGS562MQ29C
1.000
1.125
Q29
17.0
21.0
13.5
8,200
E767160VGS822MQ35C
1.000
1.375
Q35
14.0
17.5
15.0
12,000
E767160VGS123MQ41C
1.000
1.625
Q41
11.0
14.0
16.5
18,000
E767160VGS183MQ54C
1.000
2.125
Q54
8.5
11.0
20.0
22,000
E767160VGS223MQ67C
1.000
2.625
Q67
7.0
9.0
23.0
27,000
E767160VGS273MQ79C
1.000
3.125
Q79
6.0
8.0
27.0
33,000
E767160VGS333MQ92C
1.000
3.625
Q92
5.0
8.0
32.0
Standard Voltage Ratings - Large Tubulars
Rated
Voltage
(WVDC)
Capacitance
(µF )
Global
Part Number
†
Nominal
Case Size*
D
L (inches)
Case
Size
Code
Rated
Ripple Current
(A rms) at
85 C, 20kHz
Maximum
Impedance
(m
Ω) at
25 C, 100kHz
Maximum
ESR
(m
Ω) at 25 C
20k-100kHz
Engineering Bulletin Mar 07
†For terminal and construction options, refer to the part numbering system for descriptions and codes.
* Refer to diagram of dimensions for detailed case size specifications.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com