Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPR251 Datasheet(PDF) 2 Page - MIC GROUP RECTIFIERS

Part # LPR251
Description  PRESS FIT AUTOMOTIVE RECTIFIER (LUCAS)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

LPR251 Datasheet(HTML) 2 Page - MIC GROUP RECTIFIERS

  LPR251 Datasheet HTML 1Page - MIC GROUP RECTIFIERS LPR251 Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PRESS FIT AUTOMOTIVE RECTIFIER (LUCAS)
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
VOLTAGE RANGE
100 to 600 Volts
LPR251 THRU LPR256
CURRENT
25.0 Amperes
RATINGS AND CHARACTERISTIC CURVES LPR251 THRULPR256
F1G.2 MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
F1G.1 TYPICAL FORWARD CURRENT
DERATING GURVE
1 Cycle
NUMBER OF CYCLES AT 60 Hz
100
60
40
20
10
8
6
4
2
1
8.3ms Single Half Sine-Wave
(JEDEC Method) Tj=Tj max
AMBIENT TEMPERATURE, ()
℃
125
100
150
175
75
50
25
0
0
25
Single Phase
Half Wave 60Hz
Resistive or Inductive Load
0.375″(9.5mm) Lead Length
100
T1=25℃
PULSE WIDTH=300μS
1%DUTY CYCLE
0.6
0.8
1.2
1.0
1.8
2.0
1.6
1.4
0.1
1.0
10
100
1000
INSTANTANEOUS FORWARD VOLTAGE,(V)
F1G.3 TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
400
200
80
20
30
10
300
600
500
50
40
30
20
10
0
0
SQUARE WAVE
DC
60
40
20
AVERAGE FORWARD CURRENT, (A)
F1G.4 FORWARD ROWER DISSIPATION



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com