Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPR253 Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS

Part # LPR253
Description  PRESS FIT AUTOMOTIVE RECTIFIER (LUCAS)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

LPR253 Datasheet(HTML) 1 Page - MIC GROUP RECTIFIERS

  LPR253 Datasheet HTML 1Page - MIC GROUP RECTIFIERS LPR253 Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRESS FIT AUTOMOTIVE RECTIFIER (LUCAS)
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
VOLTAGE RANGE
100 to 600 Volts
LPR251 THRU LPR256
CURRENT
25.0 Amperes
TECHNICAL SPECIFICATION:
FEATURES
•
Low Leakage
•
Low forward voltage drop
•
High current capability
•
High forward surge current capacity
MECHANICAL DATA
•
Technology: Cell with Vacuum soldered
•
Case: Copper case
•
Polarity: As marked of case bottom
•
Lead: Plated lead , solderable per MIL-STD-202E
method 208C
•
Mounting: Press Fit
•
Weight: 0.23 ounces, 6.58 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
•
Ratings at 25℃ ambient temperature unless otherwise specified
•
Single Phase, half wave, 60HZ, resistive or inductive load
•
For capacitive load derate current by 20%
SYMBOLS
LPR251
LPR252
LPR253
LPR254
LPR256
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
100
200
300
400
600
Volts
Maximum RMS Voltage
VRMS
70
140
210
280
420
Volts
Maximum DC Blocking Voltage
VDC
100
200
300
400
600
Volts
Maximum Average Forward Rectified Current,
At Tc=105℃
I(AV)
25
Amps
Peak Forward Surge Current
3.3mS single half sine wave superimposed on
Rated load (JEDEC method)
IFSM
400
Amps
Rating for fusing (t<8.3ms)
I
2t
664
A
2S
Maximum instantaneous Forward Voltage at 100A
VF
1.10
Volts
5.0
Maximum DC Reverse Current at Rated TA=25℃
DC Blocking Voltage
TA=100℃
IR
450
UA
Typical Thermal Resistance
RθJC
0.8
℃/W
Operating and Storage Temperature Range
TJ,TSTG
(-65 to +175)
℃
Notes:
1.
Enough heatsink must be considered in application.
LC-1
Dimensions in inches and (millimeters)
Epoxy
Negative
Positive
26.00
± 0.26
1.02
± 0.01
0.872
± 0.01
21.00
± 0.26
(3.40-3.80)
0.133-0.149
0.39(9.95)
0.397-0.399
10.09-10.15
0.333
8.45MAX
(
Φ1.28±0.05)
0.050
± 0.002


Similar Part No. - LPR253

ManufacturerPart #DatasheetDescription
logo
Shenzhen Ping Sheng Ele...
LPR253 PFS-LPR253 Datasheet
174Kb / 2P
PRESS F IT AUTOMOTIVE RECTIFIER
More results

Similar Description - LPR253

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
LPR351 MIC-LPR351 Datasheet
59Kb / 2P
PRESS FIT AUTOMOTIVE RECTIFIER (LUCAS)
LPRA30L MIC-LPRA30L Datasheet
36Kb / 1P
PRESS FIT AVALANCHE AUTOMOTIVE RECTIFIER (LUCAS)
LPRA30Z MIC-LPRA30Z Datasheet
36Kb / 1P
PRESS FIT AVALANCHE AUTOMOTIVE RECTIFIER (LUCAS)
LPRA40L MIC-LPRA40L Datasheet
36Kb / 1P
PRESS FIT AVALANCHE AUTOMOTIVE RECTIFIER (LUCAS)
LPRA40Z MIC-LPRA40Z Datasheet
36Kb / 1P
PRESS FIT AVALANCHE AUTOMOTIVE RECTIFIER (LUCAS)
LPRAG40M MIC-LPRAG40M Datasheet
36Kb / 1P
PRESS FIT AVALANCHE AUTOMOTIVE RECTIFIER (LUCAS)
LPRAG40Z MIC-LPRAG40Z Datasheet
36Kb / 1P
PRESS FIT AVALANCHE AUTOMOTIVE RECTIFIER (LUCAS)
LPRG251 MIC-LPRG251 Datasheet
61Kb / 2P
PRESS FIT AUTOMOTIVE RECTIFIER (LUCAS)
LPRG351 MIC-LPRG351 Datasheet
60Kb / 2P
PRESS FIT AUTOMOTIVE RECTIFIER (LUCAS)
LPR501 MIC-LPR501 Datasheet
59Kb / 2P
PRESS FIT AUTOMOTIVE RECTIFIER (LUCAS)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com