Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDF01 Datasheet(PDF) 2 Page - MIC GROUP RECTIFIERS

Part # MDF01
Description  SURFACE MOUNT BRIDGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MDF01 Datasheet(HTML) 2 Page - MIC GROUP RECTIFIERS

  MDF01 Datasheet HTML 1Page - MIC GROUP RECTIFIERS MDF01 Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SURFACE MOUNT BRIDGE
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
VOLTAGE RANGE
50 to 1000 Volts
MDF005 THRU MDF10
CURRENT
1.0 Ampere
1 CYCLE
RATINGS AND CHARACTERISTIC CURVES MDF005 THRU MDF10
1.0
10
100
100
10
1
0.1
140
120
0
20
40
60
80
100
1.0
100
10
0.1
0.01
1.8
20
10
1.0
0.1
0.01
1.4
1.6
0.4
0.6
0.8
1.0
1.2
80
60
40
20
8
6
4
2
70
60
50
40
30
20
10
0
1
10
100
175
40
1.0
1.2
0.8
0.6
0.4
0.2
0
0
25
50
75
100
125
150
REVRESE VOLTAGE,(V)
PERCENT OF RATED PEAK
REVERSE VOLTAGE, (%)
INSTANTANEOUS FORWARD VOLTAGE,(V)
NUMBER OF CYCLES AT 60 Hz
AMBIENT TEMPERATURE, ℃
PER BRIDGE ELEMENT
FIG. 5- TYPICAL JUNCTION CAPACITANCE
PER BRIDGE ELEMENT
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
FIG. 3- TYPICAL FORWARD CHARACTERISTICS
PER BRIDGE ELEMENT
FORWARD SURGE CURRENT PER ELEMENT
FIG. 2 - MAXIMUM NON-REPETITIVE PEAK
FIG. 1 - DERATING CURVE FOR
RECTIFIED CURRENT
OUTPUT
T =25℃
J
f=1MHz
Vsig=50mVp-p
1% DUTY CYCLE
PULSE WIDTH=300μs
J
T =25℃
T =25℃
J
J
T =125℃
(
JEDEC Method)
Single Half Sine-Wave
max
j
j
T =T
Inductive Load
Resistive or
Half wave 60Hz
Single Phase



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com