Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDF10 Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS

Part # MDF10
Description  SURFACE MOUNT BRIDGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MDF10 Datasheet(HTML) 1 Page - MIC GROUP RECTIFIERS

  MDF10 Datasheet HTML 1Page - MIC GROUP RECTIFIERS MDF10 Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SURFACE MOUNT BRIDGE
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
VOLTAGE RANGE
50 to 1000 Volts
MDF005 THRU MDF10
CURRENT
1.0 Amperes
FEATURES
•
Glass passivated chip junction
Ideal for surface mounted applications
•
Low leakage
•
High forward surge current capability
•
High temperature soldering guaranteed:
260℃/10 seconds at terminals
MECHANICAL DATA
•
Case: Epoxy, Molded plastic body
•
Epoxy: UL94V-0 rate fkame retardant
•
Polarity: Molded on body
•
Lead: Plated terminals solderable per
MIL-STD-202E method 208C
•
Weight: 0.4 ounce, 0.1 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
•
Ratings at 25℃ ambient temperature unless otherwise specified
•
Single Phase, half wave, 60Hz, resistive or inductive load
•
For capacitive load derate current by 20%
SYMBOLS
MDF005
MDF01
MDF02
MDF04
MDF06
MDF02
MDF10
UNIT
Maximum Reverse Peak Repetitive Voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum Average Forward Rectified Output
Current, 0.06”(1.5mm) lead length at TC=40℃
(Note 2)
I(AV)
0.8
Amps
Peak Forward Surge Current
8.3ms single half sine wave superimposed on
rated load (JEDEC Method)
IFSM
40
Amps
Rating for Fusing (t<8.3ms)
I
2t
8
A
2s
Maximum Instantaneous Forward Voltage drop
Per Bridge element 0.8A
VF
1.2
Volts
TA=25℃
10
µAmps
Maximum DC Reverse Current at rated
DC blocking voltage per element
TA=125℃
IR
0.5
µAmps
Typical Junction Capacitance (NOTE 1)
CJ
25
℃
/W
Typical Thermal Resistance (NOTE 2)
RΘJC
50
VAC
Operating and Storage Temperature Range
TJ ,TSTG
(-55 to +150)
℃
Notes: 1.Measured at 1.0MHz and applied reverse voltage of 4.0 Volts.
2.Unit mounted on P.C.B. with 0.51”×0.51” ( 13×13mm) Copper plate.
Dimensions in millimeters
MINI DFS
2.54±0.02
0.65±0.15
6.65±0.15
o
5
3.9±0.1
5
o
o
4.7±0.2
5
0.5


Similar Part No. - MDF10

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MDF1005GAD102ATD25 TDK-MDF1005GAD102ATD25 Datasheet
160Kb / 3P
Noise Suppression Filters
logo
SanRex Corporation
MDF100A30 SANREX-MDF100A30 Datasheet
90Kb / 2P
DIODE(NON-ISOLATED TYPE)
MDF100A40 SANREX-MDF100A40 Datasheet
90Kb / 2P
DIODE(NON-ISOLATED TYPE)
MDF100A50 SANREX-MDF100A50 Datasheet
90Kb / 2P
DIODE(NON-ISOLATED TYPE)
logo
RFE international
MDF103K2A075B200S RFE-MDF103K2A075B200S Datasheet
1Mb / 2P
Metalized Polyester Film Capacitors MDF: General Purpose, Lead Space 7.5mm~42.5mm
13-OCT-2023
More results

Similar Description - MDF10

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
DB101S MIC-DB101S Datasheet
56Kb / 2P
SURFACE MOUNT BRIDGE
logo
Pan Jit International I...
U01501BRM PANJIT-U01501BRM Datasheet
145Kb / 3P
SURFACE MOUNT BRIDGE RECTIFIER
logo
YENYO TECHNOLOGY Co., L...
B1S YENYO-B1S Datasheet
525Kb / 2P
Surface Mount Bridge Rectifier
logo
SeCoS Halbleitertechnol...
DB101 SECOS-DB101_17 Datasheet
188Kb / 2P
Surface Mount Bridge Rectifiers
DB201S SECOS-DB201S_17 Datasheet
182Kb / 2P
Surface Mount Bridge Rectifiers
DB1501S SECOS-DB1501S_17 Datasheet
176Kb / 2P
Surface Mount Bridge Rectifiers
logo
Guangdong Juxing Electr...
ABS2 JUXING-ABS2_18 Datasheet
2Mb / 2P
SURFACE MOUNT BRIDGE RECTIFIERS
logo
Dongguan Pingjingsemi T...
MB1F-PJ PJSEMI-MB1F-PJ Datasheet
374Kb / 3P
SURFACE MOUNT BRIDGE RECTIFIERS
logo
Dongguan City Niuhang E...
MB14F NIUHANG-MB14F Datasheet
359Kb / 3P
SURFACE MOUNT SHOTTKY BRIDGE
MB24F NIUHANG-MB24F Datasheet
359Kb / 3P
SURFACE MOUNT SHOTTKY BRIDGE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com