Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MZ1.0GD3V3 Datasheet(PDF) 3 Page - MIC GROUP RECTIFIERS

Part # MZ1.0GD3V3
Description  ZENER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MZ1.0GD3V3 Datasheet(HTML) 3 Page - MIC GROUP RECTIFIERS

  MZ1.0GD3V3 Datasheet HTML 1Page - MIC GROUP RECTIFIERS MZ1.0GD3V3 Datasheet HTML 2Page - MIC GROUP RECTIFIERS MZ1.0GD3V3 Datasheet HTML 3Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ZENER DIODE
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
150
50
100
200V
0
0
10
mA
20
50V
45
40
35
30
25
20
15
10
5
0
20
10
0
30
40
50
mA
60
mA
240
200
160
120
80
40
15V
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
200℃
100
0
W
1.0
0.8
0.6
0.4
0.2
0
Ptot
Z
I
IZ
IZ
Tamb
VZ
Z
V
Z
V
10
ZMY...
ZMY...
T =25℃
j
j
T =25℃
j
T =25℃
5mA
5mA
10mA
5mA
Test Current Iz
Test Current Iz 10mA
Test Current Iz
100mA
3.9
4.7
5.6
6.8
8.2
12
56
68
82
100
47
39
33
27
22
18
15
Valid provided that leads are kept at ambient temperature or
adistance of 10mm from case
FIG.1-ADMISSIBLE POWER DISSIPATION
VERSUS AMBIENT TEMPERATURE
FIG.2-BREAKDOWN CHARACTERISTICS
T =constant (pulsed)
j
j
T =constant (pulsed)
j
T =constant (pulsed)
FIG.3-BREAKDOWN CHARACTERISTICS
FIG.4-BREAKDOWN CHARACTERISTICS
RATING AND CHARACTERISTIC CURVES MZ1.0GD3V3 THRU MZ1.0GD100
MZ1.0GD3V3 THRUMZ1.0GD100



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com