Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MZ1.0PB75V-5.0 Datasheet(PDF) 4 Page - MIC GROUP RECTIFIERS

Part # MZ1.0PB75V-5.0
Description  SURFACE MOUNT GALSS PASSIVATED ZENER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MZ1.0PB75V-5.0 Datasheet(HTML) 4 Page - MIC GROUP RECTIFIERS

  MZ1.0PB75V-5.0 Datasheet HTML 1Page - MIC GROUP RECTIFIERS MZ1.0PB75V-5.0 Datasheet HTML 2Page - MIC GROUP RECTIFIERS MZ1.0PB75V-5.0 Datasheet HTML 3Page - MIC GROUP RECTIFIERS MZ1.0PB75V-5.0 Datasheet HTML 4Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SURFACE MOUNT GALSS PASSIVATED ZENER DIODE
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
Zener Voltage
11 to 200 Volts
MZ1.5PB11V-34.1 THRU MZ1.5PB200V-1.9
Steady state Power
1.5 Watts
Vz,ZENER VOLTAGE(VOLTS)
PW, PULSE WIDTH(ms)
FIG.7- Vz=12 thru 82 Volts
FIG.6- Maximum Surge Power
NOTE 7. ZENER IMPEDANCE (Zz)DERIVATION
Zzt anc Zzk are measured by dividing the ac voltage
drop across the device by the accurrent applied.
The specified limits are for Iz(ac)=0.1 lz, (dc)with
the ac freqency = 60Hz
z
NOTE 6. ZENER VOLTAGE (V ) MEASUREMENT
Nominal zener voltage is measured with the device
function in thermal equilibrium with ambient
temperature at 25℃
J
RECTANGULAR
NONREPETITIVE
WAVEFORM
T =25℃ PRIOR
TO INTIAL PULSE
100
90
80
70
60
50
40
30
20
10
0
100
50
30
20
10
5
3
2
1
0.5
0.3
0.2
0.1
100
50
30
20
10
5
3
2
1
0.5
0.3
0.2
0.1
10
20
30
50
100
200
1K
500
300
RATING AND CHARACTERISTIC CURVES MZ1.5PB11V-34.1 THRU MZ1.5PB200V-1.9



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com