Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B0305S/D-W2 Datasheet(PDF) 3 Page - MORNSUN Science& Technology Ltd.

Part # B0305S/D-W2
Description  SINGLE OUTPUT DC-DC CONVERTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

B0305S/D-W2 Datasheet(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  B0305S/D-W2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. B0305S/D-W2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. B0305S/D-W2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
The copyright and authority for the interpretation of the products are reserved by Mornsun
Specifications subject to change without notice.
B_S(D)-W2
A/4-2009
Page 3 of 3
OUTLINE DIMENSIONS & PIN CONNECTIONS
1
3
2
4
BS W2
_-
Vin
GND
+Vo
L=530mm[20.866inch]
: 43pcs(B_S-W2) 40pcs(B_D-W2)
L=220mm[8.661inch]
: 17pcs(B_S-W2) 16pcs(B_D-W2)
Tube Quantity
Tube Quantity
∅∅
1.00 [
0.039]
1
7
5
4
1
2
34
11.60[0.461]
0.50[0.020]
0.90[0.035]
4.10[0.161]
7.62[0.300]
1.90[0.075]
7.62[0.300]
2.54[0.100]
9.40[0.370]
0.60[0.024]
4.70[0.185]
12.70[0.500]
7.62[0.300]
5.08[0.200]
∅∅
1.00 [
0.039]
0.50[0.020]
BS W2 Series
_ -
B D W2
_ -
Series
2.54[0.100]
∅∅
1.00 [
0.039]
75
1
4
1
2
34
B S W2
_ -
Series
B D W2
_ -
Series
0.60[0.024]
11.70[0.461]
5.30[0.209]
B D W2
_ -
Series
0V
1
5
4
7
B D W2
_-
Vin
GND
+Vo
0V
B S W2
_ -
Series
Pin
FOOTPRINT DE TAILS
Note:
Unit: mm[inch]
Pin se ctio n tole ra nces:
±0.10mm[±0.004inch]
Gen eral to leran ces:
±0.25mm[±0.010inch]
MECHANICAL DIMENSIONS
RECOMMENDED FOOTPRINT
TUBE DUTLINE DIMENSIONS
Note:
Unit :mm[inch]
General tolerances:
±0.50mm[±0.020inch]
(Sid e View)
(B otto m View)
Pin
FOOTPRINT DETAILS
Note:
1. Operation under minimum load will not damage the converter; However, they may not meet all specification listed.
2. All specifications measured at Ta=25
°C, humidity<75%, nominal input voltage and rated output load unless otherwise specified.
3. In this datasheet, all the test methods of indications are based on corporate standards.
4. Only typical models listed, other models may be different, please contact our technical person for more details.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com