Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRBA30Z Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS

Part # PRBA30Z
Description  PRESS FIT AVALANCHE AUTOMOTIVE RECTIFIER (BOSCH)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

PRBA30Z Datasheet(HTML) 1 Page - MIC GROUP RECTIFIERS

  PRBA30Z Datasheet HTML 1Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PRESS FIT AVALANCHE AUTOMOTIVE RECTIFIER (BOSCH)
AVALANCHE VOLTAGE
24 to 32 Volts
PRBA30Z
CURRENT
30 Amperes
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
Technical Specifecation:
Features:
•
High power capability
•
Economical
•
Avalanche Voltage: 24V to 32V
MECHANICAL DATA
•
Case: transfer molded plastic
•
Epoxy: UL94-0 rate flame ratardant
•
Polarity: As marked of case bottom
•
Structural: With cell
•
Technology cell vacuum soldered
•
Lead: Plated slug, solderable per MIL-STD-202E
Method 208C
•
Weight: 0.29ounce, 8.09 Grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
•
Ratings at 25℃ ambient temperature unless otherwise specified
•
Single Phase, half wave, 60Hz, resistive or inductive load
•
For capacitive load derate current by 20%
Electrical Characteristics @ 25℃
SYMBOLS
MIN
NOMINAL
MAX
UNITS
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRRM
VDC
20
20
20
Volts
Average Rectified Forward Current (Tc=125℃)
Io
30
Amps
Repetitive Peak Reverse Surge Current
Tc=10msec Dury Cycle<1%
IRSM
30
Amps
Breakdown Voltage (Vbr@ir=100mA, Tc=25℃)
Ir=90Amps, Tc=150℃, PW=80usec
Vbr1
Vbr2
24
25-27
32
40
Volts
Volts
Forward Voltage Drop @If=100Amps<300usec
VF
1.05
1.08
Volts
Peak Forward Surge Current
IFSM
500
Amps
Reverse Leakage (VR=17Vdc) TA=25℃
IR
1.0
2.0
uAmps
Operating and Storage Junction Temperature Range
TJ ,TSTG
-65 to +175
℃
Notes: 1. Enough heatsink must be considered in application.
Fig.1
Surge current characteristics
50
30
10
0
I
(EXP)
RRM
RRM
I
(EXP)
BC-2
Dimensions in inches and (millimeters)
0.44
± 0.02
(11.2
± 0.2)
0.504
± 0.008
(12.80
± 0.02)
0.326
± 0.006
(8.3
± 0.15)
(28.0
± 0.3)
1.1
± 0.012
0.49
+0
-0.002
-0.05
+0
(12.6
)
0.050
± 0.002
(? 1.28
± 0.05)
Epoxy


Similar Part No. - PRBA30Z

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
PRBA30L MIC-PRBA30L Datasheet
38Kb / 1P
PRESS FIT AVALANCHE AUTOMOTIVE RECTIFIER (BOSCH)
PRBA30M MIC-PRBA30M Datasheet
38Kb / 1P
PRESS FIT AVALANCHE AUTOMOTIVE RECTIFIER (BOSCH)
More results

Similar Description - PRBA30Z

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
APRB40L MIC-APRB40L Datasheet
32Kb / 1P
PRESS FIT AVALANCHE AUTOMOTIVE RECTIFIER (BOSCH)
APRB40M MIC-APRB40M Datasheet
32Kb / 1P
PRESS FIT AVALANCHE AUTOMOTIVE RECTIFIER (BOSCH)
APRB40Z MIC-APRB40Z Datasheet
32Kb / 1P
PRESS FIT AVALANCHE AUTOMOTIVE RECTIFIER (BOSCH)
PRBA30L MIC-PRBA30L Datasheet
38Kb / 1P
PRESS FIT AVALANCHE AUTOMOTIVE RECTIFIER (BOSCH)
PRBA30M MIC-PRBA30M Datasheet
38Kb / 1P
PRESS FIT AVALANCHE AUTOMOTIVE RECTIFIER (BOSCH)
PRBA40L MIC-PRBA40L Datasheet
38Kb / 1P
PRESS FIT AVALANCHE AUTOMOTIVE RECTIFIER (BOSCH)
PRBA40M MIC-PRBA40M Datasheet
38Kb / 1P
PRESS FIT AVALANCHE AUTOMOTIVE RECTIFIER (BOSCH)
PRBA40Z MIC-PRBA40Z Datasheet
38Kb / 1P
PRESS FIT AVALANCHE AUTOMOTIVE RECTIFIER (BOSCH)
logo
Shanghai Shunye Electro...
BPZ3524-BPZ3540 SHUNYE-BPZ3524-BPZ3540 Datasheet
196Kb / 2P
AVALANCHE PRESS-FIT BOSCH DIODES
BPZ5024-BPZ5040 SHUNYE-BPZ5024-BPZ5040 Datasheet
193Kb / 2P
AVALANCHE PRESS-FIT BOSCH DIODES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com