Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRM253 Datasheet(PDF) 2 Page - MIC GROUP RECTIFIERS

Part # PRM253
Description  PRESS FIT ARTOMOTIVE RECTIFIER竊뉾OTOROLA竊
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

PRM253 Datasheet(HTML) 2 Page - MIC GROUP RECTIFIERS

  PRM253 Datasheet HTML 1Page - MIC GROUP RECTIFIERS PRM253 Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PRESS FIT ARTOMOTIVE RECTIFIER(MOTOROLA)
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
VOLTAGE RANGE
100 to 600 Volts
PRM251 THRU PRM256
CURRENT
25.0 Amperes
RATINGS AND CHARACTERISTIC CURVES PRM251 THRU PRM256
F1G.2 MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
F1G.1 TYPICAL FORWARD CURRENT
DERATING GURVE
AVERAGE FORWARD CURRENT, (A)
1 Cycle
NUMBER OF CYCLES AT 60 Hz
100
60
40
20
10
8
6
4
2
1
300
600
8.3ms Single Half Sine-Wave
(JEDEC Method) Tj=Tj max
110
125
100
150
175
75
50
25
0
0
10
20
30
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
0.375″(9.5mm) Lead Length
500
100
T1=25℃
PULSE WIDTH=300μS
1%DUTY CYCLE
0.6
0.8
1.2
1.0
1.8
2.0
1.6
1.4
0.1
1.0
10
100
1000
INSTANTANEOUS FORWARD VOLTAGE,(V)
F1G.3 TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
25
400
200
80
20
40
60
DC
SQUARE WAVE
0
0
10
20
30
40
50
AMBIENT TEMPERATURE, ()
℃
F1G.4 FORWARD ROWER DISSIPATION



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com