Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRM256 Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS

Part # PRM256
Description  PRESS FIT ARTOMOTIVE RECTIFIER竊뉾OTOROLA竊
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

PRM256 Datasheet(HTML) 1 Page - MIC GROUP RECTIFIERS

  PRM256 Datasheet HTML 1Page - MIC GROUP RECTIFIERS PRM256 Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRESS FIT ARTOMOTIVE RECTIFIER(MOTOROLA)
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
VOLTAGE RANGE
100 to 600 Volts
PRM251 THRU PRM256
CURRENT
25.0 Amperes
TECHNICAL SPECIFICATION:
FEATURES
•
Low Leakage
•
Low forward voltage drop
•
High current capability
•
High forward surge current capacity
MECHANICAL DATA
•
Technology: Cell with vacuum soldered
•
Case: Copper case
•
Polarity: As marked of case bottom
•
Lead: Plated lead , solderable per MIL-STD-202E
method 208C
•
Mounting: Press Fit
•
Weight: 0.28 ounces, 8.0 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
•
Ratings at 25℃ ambient temperature unless otherwise specified
•
Single Phase, half wave, 60HZ, resistive or inductive load
•
For capacitive load derate current by 20%
SYMBOLS
PRM251
PRM252
PRM253
PRM254
PRM256
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
100
200
300
400
600
Volts
Maximum RMS Voltage
VRMS
70
140
210
280
420
Volts
Maximum DC Blocking Voltage
VDC
100
200
300
400
600
Volts
Maximum Average Forward Rectified Current,
At Tc=105℃
I(AV)
25
Amps
Peak Forward Surge Current
3.3mS single half sine wave superimposed on
Rated load (JEDEC method)
IFSM
400
Amps
Rating for fusing (t<8.3ms)
I
2t
664
A
2S
Maximum instantaneous Forward Voltage at 100A
VF
1.08
Volts
5.0
Maximum DC Reverse Current at Rated TA=25℃
DC Blocking Voltage
TA=100℃
IR
450
UA
Typical Thermal Resistance
RθJC
0.8
℃/W
Operating and Storage Temperature Range
TJ,TSTG
(-65 to +175)
℃
Notes:
1.
Enough heatsink must be considered in application.
Dimensions in inches and (millimeters)
MC-1
Epoxy
(27.5
)
± 0.5
-0
-0
± 0.02
1.083
0.50-0.504
(12.73-12.79)
(11.1
± 0.1)
0.437
± 0.004
(7.80
± 0.50)
0.307
± 0.02
0.62
± 0.004
(15.7
± 0.01)
0.050
± 0.002
(
Φ1.28±0.05)


Similar Part No. - PRM256

ManufacturerPart #DatasheetDescription
logo
Shenzhen Ping Sheng Ele...
PRM256 PFS-PRM256 Datasheet
158Kb / 2P
PRESS FIT ARTOMOTIVE RECTIFIER
More results

Similar Description - PRM256

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
LPB351 MIC-LPB351 Datasheet
61Kb / 2P
PRESS FIT AUTOMOTIVE RECTIFIER竊뉰OSCH竊
PRB251 MIC-PRB251 Datasheet
46Kb / 2P
PRESS FIT AUTOMOTIVE RECTIFIER竊뉰OSCH竊
PRB501 MIC-PRB501 Datasheet
45Kb / 2P
PRESS FIT AUTOMOTIVE RECTIFIER竊뉰OSCH竊
PRBG251 MIC-PRBG251 Datasheet
50Kb / 2P
PRESS FIT AUTOMOTIVE RECTIFIER竊뉰OSCH竊
PRBG351 MIC-PRBG351 Datasheet
51Kb / 2P
PRESS FIT AUTOMOTIVE RECTIFIER竊뉰OSCH竊
PRM351 MIC-PRM351 Datasheet
46Kb / 2P
PRESS FIT ARTOMOTIVE RECTIFIER竊뉾OTOROLA竊
PRM501 MIC-PRM501 Datasheet
46Kb / 2P
PRESS FIT ARTOMOTIVE RECTIFIER竊뉾OTOROLA竊
PRMG251 MIC-PRMG251 Datasheet
44Kb / 2P
PRESS FIT AUTOMOTIVE RECTIFIER竊뉾OTOROLA竊
PRMG351 MIC-PRMG351 Datasheet
46Kb / 2P
PRESS FIT ARTOMOTIVE RECTIFIER竊뉾OTOROLA竊
PRMG501 MIC-PRMG501 Datasheet
45Kb / 2P
PRESS FIT ARTOMOTIVE RECTIFIER竊뉾OTOROLA竊
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com