Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRMAG40L Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS

Part # PRMAG40L
Description  PRESS FIT AVALANCHE AUTOMOTIVE RECTIFIER (MOTOROLA)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

PRMAG40L Datasheet(HTML) 1 Page - MIC GROUP RECTIFIERS

  PRMAG40L Datasheet HTML 1Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PRESS FIT AVALANCHE AUTOMOTIVE RECTIFIER (MOTOROLA)
AVALANCHE VOLTAGE
20 to 24 Volts
PRMAG40L
CURRENT
40 Amperes
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
Technical Specifecation:
Features:
•
High power capability
•
Economical
•
Avalanche Voltage: 20V to 24V
•
Glass passivated chip
MECHANICAL DATA
•
Case: Copper case
•
Epoxy: UL94-0 rate flame ratardant
•
Polarity: As marked of case bottom
•
Technology vacuum soldered
•
Lead: Plated lead, solderable per MIL-STD-202E
Method 208C
•
Weight: 0.30 ounce 8.5 Grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
•
Ratings at 25℃ ambient temperature unless otherwise specified
•
Single Phase, half wave, 60Hz, resistive or inductive load
•
For capacitive load derate current by 20%
Electrical Characteristics @ 25℃
SYMBOLS
MIN
NOMINAL
MAX
UNITS
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRRM
VDC
17
17
17
Volts
Average Rectified Forward Current (Tc=125℃)
Io
40
Amps
Repetitive Peak Reverse Surge Current
Tc=10msec Dury Cycle<1%
IRSM
40
Amps
Breakdown Voltage (Vbr@ir=100mA, Tc=25℃)
Ir=90Amps, Tc=150℃, PW=80usec
Vbr1
Vbr2
20
22
24
32
Volts
Volts
Forward Voltage Drop @If=100Amps<300usec
VF
1.05
1.08
Volts
Peak Forward Surge Current
IFSM
500
Amps
Reverse Leakage (VR=17Vdc) TA=25℃
IR
1.0
2.0
uAmps
Operating and Storage Junction Temperature Range
TJ ,TSTG
-65 to +175
℃
Notes: 1. Enough heatsink must be considered in application.
Fig.1
Surge current characteristics
50
30
10
0
I
(EXP)
RRM
RRM
I
(EXP)
Dimensions in inches and (millimeters)
MC-2
0.050
± 0.002
(
Φ1.28±0.05)
(15.7
± 0.01)
0.62
± 0.004
0.307
± 0.02
(8.40
± 0.50)
1.083
± 0.02
-0
-0
± 0.5
(27.5
)
0.437
± 0.004
(11.1
± 0.1)
(12.73-12.79)
0.50-0.504
Epoxy


Similar Part No. - PRMAG40L

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
PRMAG40M MIC-PRMAG40M Datasheet
30Kb / 1P
PRESS FIT AVALANCHE AUTOMOTIVE RECTIFIER (MOTOROLA)
PRMAG40Z MIC-PRMAG40Z Datasheet
30Kb / 1P
PRESS FIT AVALANCHE AUTOMOTIVE RECTIFIER (MOTOROLA)
More results

Similar Description - PRMAG40L

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
PRMA30L MIC-PRMA30L Datasheet
30Kb / 1P
PRESS FIT AVALANCHE AUTOMOTIVE RECTIFIER (MOTOROLA)
PRMA30M MIC-PRMA30M Datasheet
30Kb / 1P
PRESS FIT AVALANCHE AUTOMOTIVE RECTIFIER (MOTOROLA)
PRMA30Z MIC-PRMA30Z Datasheet
30Kb / 1P
PRESS FIT AVALANCHE AUTOMOTIVE RECTIFIER (MOTOROLA)
PRMA40L MIC-PRMA40L Datasheet
30Kb / 1P
PRESS FIT AVALANCHE AUTOMOTIVE RECTIFIER (MOTOROLA)
PRMA40M MIC-PRMA40M Datasheet
30Kb / 1P
PRESS FIT AVALANCHE AUTOMOTIVE RECTIFIER (MOTOROLA)
PRMA40Z MIC-PRMA40Z Datasheet
30Kb / 1P
PRESS FIT AVALANCHE AUTOMOTIVE RECTIFIER (MOTOROLA)
PRMAG30L MIC-PRMAG30L Datasheet
30Kb / 1P
PRESS FIT AVALANCHE AUTOMOTIVE RECTIFIER (MOTOROLA)
PRMAG30Z MIC-PRMAG30Z Datasheet
30Kb / 1P
PRESS FIT AVALANCHE AUTOMOTIVE RECTIFIER (MOTOROLA)
PRMAG40M MIC-PRMAG40M Datasheet
30Kb / 1P
PRESS FIT AVALANCHE AUTOMOTIVE RECTIFIER (MOTOROLA)
PRMAG40Z MIC-PRMAG40Z Datasheet
30Kb / 1P
PRESS FIT AVALANCHE AUTOMOTIVE RECTIFIER (MOTOROLA)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com