Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2000F Datasheet(PDF) 2 Page - MIC GROUP RECTIFIERS

Part # R2000F
Description  HIGH VOLTAGE SILICON RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

R2000F Datasheet(HTML) 2 Page - MIC GROUP RECTIFIERS

  R2000F Datasheet HTML 1Page - MIC GROUP RECTIFIERS R2000F Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES R1200F THRU R5000F
10
INDUCTIVE
NONINDUCTIVE
FIG.4-TEST CIRCUIT DIAGRAM AND
1 megohm. 22pF
2.Rise time=10ns max. Source Impedance=
NOTES: 1.Rise Time =7ns max. Input Impedance=
REVERSE RECOVERY TIME CHARACTERISTIC
FIG.3-TYPICAL REVERSE
REVERSE VOLTAGE,(%)
40
PERCENT OF RATED PEAK
AMBIENT TEMPERATURE, ( ° C)
0
0.01
1.0
0.1
10
25
0
120
80
50 ohms
T =25 ° C
j
CHARACTERISTICS
100
75
50
150
125
NON
1
D.U.T.
50
25 Vdc
(approx.)
(+)
(-)
NONINDUCTIVE
175
DERATING CURVE
FIG.1-TYPICAL FORWARD CURRENT
500
200
0
Inductive Load 0.375"(9.5mm)
Lead Length
Resistive or
R2500F-R
5000F
Half Wave 60Hz
Single Phase
R1
20
0F
-R
20
00
F
SET TIME BASE FOR
50/100ns/cm
NUMBER OF CYCLES AT 60 Hz
PULSE
GENERATIOR
(NOTE 2)
(NOTE 1)
OSCILLOSCOPE
+0.5A
0
-0.25A
-1.0A
(-)
(+)
2
1
0
6
8
10
4
Trr
1cm
40
60
20
100
(JEDEC Method)
=T
FORWARD SURGE CURRENT
8.3ms Single Half Sine-Wave
FIG.2-MAXIMUM NON-REPETITIVE PEAK
1 Cycle
20
30
10
Tj
j max



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com