Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RDFS08 Datasheet(PDF) 2 Page - MIC GROUP RECTIFIERS

Part # RDFS08
Description  SURFACE MOUNT FAST RECOVERY BRIDGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

RDFS08 Datasheet(HTML) 2 Page - MIC GROUP RECTIFIERS

  RDFS08 Datasheet HTML 1Page - MIC GROUP RECTIFIERS RDFS08 Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SURFACE MOUNT FAST RECOVERY BRIDGE
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
VOLTAGE RANGE
50 to 800 Volts
RDFS005 THRU RDFS08
CURRENT
1.0 Ampere
RATINGS AND CHARACTERISTIC CURVES RDFS005 THRU RDFS08
0.01
10
1.0
0.1
1.8
1.6
1.4
0
0.2
0.4
0.6
0.8
1.0
1.2
100
1
4
10
100
10
1
50
20
5
2
100
10
1
20
30
40
50
1.2
0.8
75
0.6
1.0
0.4
0.2
0
175
25
40 50
100
125
150
PULSE WIDTH 300μs
j
T =25℃
j
T =25℃,f=1MHz
Single Half Sine-Wave
Pulse width 8.3ms
RESISTIVE OR INDUCTIVE LOAD
SINGLE PHASE HALF WAVE 60Hz
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
REVRESE VOLTAGE, VOLTS
NUMBER OF CYCLES AT 60 Hz
AMBIENT TEMPERATURE, ℃
FIG. 4- TYPICAL FORWARD CHARACTERISTICS
FIG. 3- TYPICAL JUNCTION CAPACITANCE
FIG. 2- MAXIMUM NON-REPETITIVE SURGE CURRENT
FIG. 1- FORWARD CURRENT DERATING CURVE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com