Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2D Datasheet(PDF) 2 Page - MIC GROUP RECTIFIERS

Part # S2D
Description  SURFACE MOUNT GLASS PASSIVATED RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

S2D Datasheet(HTML) 2 Page - MIC GROUP RECTIFIERS

  S2D Datasheet HTML 1Page - MIC GROUP RECTIFIERS S2D Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SURFACE MOUNT GLASS PASSIVATED RECTIFIER
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
VOLTAGE RANGE
50 to 1000 Volts
S2A THRU S2M
CURRENT
2.0 Ampere
RATINGS AND CHARACTERISTIC CURVES S2A THRU S2M
COPPER PAD AREAS
0.27X0.27
″(7.0X7.0mm)
0
INDUCTIVE LOAD
50
LEAD TEMPERATURE,()
℃
F1G.1-FORWARD CURRENT
DERATING CURVE
F1G.5-TYPICAL JUNCTION CAPACITANCE
100
10
1.0
0.1
0.01
REVRESE VOLTAGE,(V)
1
10
100
Vsig=50mVp-p
f=1MHz
T =25℃
J
FORWARD CHARACTERISTICS
F1G.3-TYPICAL INSTANTANEOUS
F1G.4-TYPICAL REVERSE
CHARACTERISTICS
REVERSE VOLTAGE,(%)
PERCENT OF RATED PEAK
J
T =25℃
FORWARD SURGE CURRENT
F1G.2-MAXIMUM NON-REPETITIVE PEAK
NUMBER OF CYCLES AT 60 Hz
100
10
1
L
T =90℃
(JEDEC Method)
8.3ms Single Half Sine-Wave
50
1.5
1.0
0.5
60
70
80
90
100 110 120 130 140 150
INDUCTIVE LOAD
60 Hz RESISTIVE OR
60Hz RESISTIVE OR
40
20
30
10
0
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.01
0.1
1.0
10
T =25℃
Pulse Width=300us
1% Duty Cycle
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
10
1.0
0.1
0.01
0
100
80
60
40
20
T =100℃
J
J
T =125℃
J



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com