Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RS1007 Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS

Part # RS1007
Description  SINGLE-PHASE BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

RS1007 Datasheet(HTML) 1 Page - MIC GROUP RECTIFIERS

  RS1007 Datasheet HTML 1Page - MIC GROUP RECTIFIERS RS1007 Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MASTER INSTRUMENT CORPORATION
SINGLE-PHASE BRIDGE RECTIFIER
RS1001 THRU RS1007
VOLTAGE RANGE
CURRENT
50 to 1000 Volts
10.0 Amperes
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
1/2
FEATURES
l Low cost
l This series is UL recognized under component index , file
number E127707
l High forward surge current capability
l Ideal for printed circuit board
l High temperature soldering guaranteed:
260℃/10 second, 0.375” (9.5mm) lead length at 5 lbs. (2.3kg)
tension.
MECHANICAL DATA
l Case: Transfer molded plastic
l Terminal: Lead solderable per MIL-STD-202E method 208C
l Polarity: Polarity symbols marked on case
l Mounting: Thru hole for #6 screw, 5 in.-lbs terque max
l Weight: 0.27 ounce, 7.59 gram
RS-6
0.220(5.6)
0.180(4.6)
0.052(1.3)DIA.
0.048(1.2)TYP.
0.260(6.6)
0.180(4.5)
0.760(19.3)MAX
0.700(17.8)
0.660(16.8)
0.24(6.1)
0.22(5.6)
0.19(4.8)
0.17(4.3)
X
0.185(4.7)
0.165(4.2)
45
°
0.160(4.1)
0.140(3.6)
0.935(23.7)
0.895(22.7)
0.26(6.6)
0.28(7.1)
0.069(1.7)
0.089(2.3)
AC
-
+
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load derate current by 20%.
SYMBOLS RS1001
RS1002 RS1003
RS1004
RS1005
RS1006
RS1007
UNITS
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
Volts
TC=50℃ (Note 2)
10.0
TC=100℃ (Note 2)
8.0
Maximum Average Forward
Rectified Output Current, at
TA=45℃ (Note 3)
I(AV)
6.0
Amps
Peak Forward Surge Current 8.3ms single half sine-wave
superimposed on rated load (JEDEC Method)
IFSM
350
Amps
Rating for Fusing (t<8.3ms)
I
2t
373
A
2s
Maximum Instantaneous Forward Voltage Drop per
bridge element at 10.0A
VF
1.0
Volts
TA=25℃
5.0
µAmps
Maximum DC Reverse Current at rated
DC blocking voltage per element
TA=100℃
IR
1.0
mAmps
Typical Junction Capacitance (Note 1)
CJ
200
pF
Typical Thermal Resistance (Note 2)
RθJC
5.0
℃/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
℃
NOTES:
1.
Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts.
2.
Unit mounted on 6.0”x5.5”x0.24” thick (15x14x0.6cm) Al. plate.
3.
Unit mounted in free air, no heatsink, P.C.B at 0.375” (9.5mm) lead length with 0.5”x0.5” (12x12cm) copper pads


Similar Part No. - RS1007

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
RS1007 MCC-RS1007 Datasheet
78Kb / 2P
10 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Shanghai Lunsure Electr...
RS1007 CHENYI-RS1007 Datasheet
45Kb / 2P
10Amp single phase bridge rectifier 50to1000 volts
logo
SUNMATE electronic Co.,...
RS1007 SUNMATE-RS1007 Datasheet
386Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER
logo
Micro Commercial Compon...
RS1007 MCC-RS1007 Datasheet
256Kb / 3P
10 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Rectron Semiconductor
RS1007M RECTRON-RS1007M Datasheet
30Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 10 Amperes)
More results

Similar Description - RS1007

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
KBU4A GE-KBU4A Datasheet
83Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436 Datasheet
111Kb / 3P
Single Phase Bridge Rectifier
logo
IXYS Corporation
VBO25 IXYS-VBO25 Datasheet
87Kb / 2P
Single Phase Rectifier Bridge
VBO13 IXYS-VBO13 Datasheet
84Kb / 2P
Single Phase Rectifier Bridge
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Solid States Devices, I...
SDA276A SSDI-SDA276A Datasheet
80Kb / 2P
SINGLE PHASE BRIDGE RECTIFIER
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436_07 Datasheet
117Kb / 2P
Single Phase Bridge Rectifier
logo
Naina Semiconductor ltd...
25MB NAINA-25MB Datasheet
105Kb / 2P
Single Phase Bridge Rectifier
logo
Diotec Semiconductor
KBPC1500FW DIOTEC-KBPC1500FW_18 Datasheet
392Kb / 2P
Single Phase Bridge Rectifier
logo
IXYS Corporation
VBO20 IXYS-VBO20 Datasheet
185Kb / 2P
Single Phase Rectifier Bridge
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com