Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OBYPB Datasheet(PDF) 1 Page - Faraday Technology

Part # OBYPB
Description  VIDEO OVERSAMPLING SMD FILTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FARADAY [Faraday Technology]
Direct Link  http://www.faradaytech.com/
Logo FARADAY - Faraday Technology

OBYPB Datasheet(HTML) 1 Page - Faraday Technology

  OBYPB Datasheet HTML 1Page - Faraday Technology OBYPB Datasheet HTML 2Page - Faraday Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© Faraday Technology. As part of continual product improvement the specifications, details and dimensions shown in this publication are subject to change without notice
FARA096d
Page 1 of 2
Jul-03(E)
• Surface Mount Package
• Small size, low cost
• Selectable Sinx/x
• Luminance and Chrominance versions
This range of analogue filters has been designed for use in conjunction with a half band
interpolating/decimating filter such as the TRW2242 or with the many encoder chips available which employ
digital filtering and an output D to A converter. This type of digital filtering has good attenuation between the
frequencies of Fs/4 and 3Fs/4 where Fs is the Master Clock rate. When the normal clock rate of 27 MHz is
used for the luminance channel, the signal can be expected to have insignificant energy between 6.75 MHz and
20.25 MHz.
In order to preserve the integrity of the signal these filters have good amplitude and group delay characteristics
in the passband that meet requirements of CCIR601, but due to the above considerations do not have
significant attenuation below 21 MHz.
Order code
OBYPB
OBCPB
Filter Shape
Lowpass
Lowpass
Impedance
75
Ω
75
Ω
Sinx/x correction
No
No
Sampling Freq.
27.0 MHz
13.5 MHz
End of Passband
5.75 MHz
2.75 MHz
Amp. ripple to 5.50 MHz
< 0.05 dB
< 0.05 dB
to 5.75 MHz
< 0.1 dB
< 0.1 dB
G.D. ripple
< 6 ns
< 12 ns
Start of stopband
21.5 MHz
10.75 MHz
Stopband atten. wrt 100 kHz
> 40 dB
> 40 dB
Delay time nom. at 200 kHz
58 ns Flat
116 ns Flat
55 ns Sinx/x
110 ns Sinx/x
Aqueous Washable
Yes
Yes
SMD Reflow Limitations
refer to Data Sheet Fara309
Package
DR00326A
DR00326A
OB SERIES
VIDEO OVERSAMPLING SMD FILTERS


Similar Part No. - OBYPB

ManufacturerPart #DatasheetDescription
logo
Faraday Technology
OBYFB FARADAY-OBYFB Datasheet
84Kb / 2P
VIDEO OVERSAMPLING SMD FILTERS
OBYSB FARADAY-OBYSB Datasheet
84Kb / 2P
VIDEO OVERSAMPLING SMD FILTERS
More results

Similar Description - OBYPB

ManufacturerPart #DatasheetDescription
logo
Faraday Technology
OAYSA FARADAY-OAYSA Datasheet
58Kb / 2P
VIDEO OVERSAMPLING SMD FILTERS
FL676 FARADAY-FL676 Datasheet
61Kb / 2P
Video Oversampling Filters
OBYSB FARADAY-OBYSB Datasheet
84Kb / 2P
VIDEO OVERSAMPLING SMD FILTERS
OCYSA FARADAY-OCYSA Datasheet
27Kb / 3P
VIDEO OVERSAMPLING SMD FILTERS
ODYFA FARADAY-ODYFA Datasheet
48Kb / 2P
VIDEO OVERSAMPLING SMD FILTERS
REYFA FARADAY-REYFA Datasheet
71Kb / 3P
VIDEO OVERSAMPLING SMD FILTERS
RAYSA FARADAY-RAYSA Datasheet
71Kb / 3P
VIDEO OVERSAMPLING SMD FILTERS
logo
Analog Devices
ADV7180 AD-ADV7180_12 Datasheet
2Mb / 120P
10-Bit, 4횞 Oversampling SDTV Video Decoder
Rev. G
ADV7194 AD-ADV7194_15 Datasheet
605Kb / 69P
Video Encoder with 54 MHz Oversampling
REV. A
logo
Faraday Technology
FL1300 FARADAY-FL1300 Datasheet
74Kb / 2P
OVERSAMPLING FILTERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com