Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC358PC Datasheet(PDF) 1 Page - Faraday Technology

Part # FC358PC
Description  REJECTION FILTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FARADAY [Faraday Technology]
Direct Link  http://www.faradaytech.com/
Logo FARADAY - Faraday Technology

FC358PC Datasheet(HTML) 1 Page - Faraday Technology

  FC358PC Datasheet HTML 1Page - Faraday Technology FC358PC Datasheet HTML 2Page - Faraday Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© Faraday Technology. As part of continual product improvement the specifications, details and dimensions shown in this publication are subject to change without notice
Fara103d
Page 1 of 2
Jan-00(B)
These filters are to a proven design to suppress or pass the colour sub-carrier
elements of a composite video signal. The reject filters are group delay equalised in
order to minimise the distortion to the luminance signal. With this type of filter there
is always a compromise between the amount of colour signal rejected and the loss of
picture definition which can be tolerated.
The filters offered below have found to be acceptable but other bandwidths and rates
of cut-off can be supplied upon request.
Specification – Sub-Carrier Pass Filters
PAL
NTSC
Order code
FC443PC
FC358PC
Centre Frequency MHz
4.43
3.58
3 dB loss frequency MHz
4.21/4.59
3.40/3.71
28 dB loss frequency MHz
3.60/6.70
2.91/5.41
Insertion loss at Centre Frequency dB
< 1.0
< 1.0
Package
DR00014A
DR00014A
Specification – Sub-Carrier Rejection Filters
PAL
NTSC
Order code
FC443AD
FC443WD
FC358AD
FC358WD
Centre Frequency MHz
4.43
4.43
3.58
3.58
3 dB loss frequency MHz
3.86/5.04
3.53/5.34
3.12/4.07
2.85/4.32
Loss at Centre Frequency dB
16
26
16
26
Pulse and Bar
Kp
2
2
2
2
Kpb
2
2
2
2
Package
DR00009B
DR00009B
DR00009B
DR00009B
Note: These items are NOT aqueous washable.
COMPOSITE VIDEO COLOUR
SUB-CARRIER PASS AND
REJECTION FILTERS


Similar Part No. - FC358PC

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FC358F FS-FC358F Datasheet
599Kb / 9P
1MHz, 60uA, Rail-to-Rail I/O CMOS Operational Amplifiers
More results

Similar Description - FC358PC

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
150017-240 ANAREN-150017-240 Datasheet
201Kb / 1P
Mixers Image Rejection
logo
BOWEI Integrated Circui...
IRM-500 BOWEI-IRM-500 Datasheet
116Kb / 1P
Image Rejection Mixers
IR-60 BOWEI-IR-60 Datasheet
99Kb / 1P
Image Rejection Mixers
logo
Seiko Instruments Inc
ST111 SII-ST111 Datasheet
406Kb / 23P
HIGH RIPPLE-REJECTION
logo
CTS Corporation
CER0004A CTS-CER0004A Datasheet
84Kb / 2P
Excellent Rejection
CER0005A CTS-CER0005A Datasheet
66Kb / 2P
Excellent Rejection
CER0017A CTS-CER0017A Datasheet
84Kb / 2P
Excellent Rejection
CER0023A CTS-CER0023A Datasheet
82Kb / 2P
High Rejection
CER0032A CTS-CER0032A Datasheet
84Kb / 2P
High Rejection
XHPC0822A CTS-XHPC0822A Datasheet
343Kb / 2P
Enhanced Rejection
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com