Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF16B0010 Datasheet(PDF) 1 Page - Faraday Technology

Part # DF16B0010
Description  HDTV DELAY LINES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FARADAY [Faraday Technology]
Direct Link  http://www.faradaytech.com/
Logo FARADAY - Faraday Technology

DF16B0010 Datasheet(HTML) 1 Page - Faraday Technology

  DF16B0010 Datasheet HTML 1Page - Faraday Technology DF16B0010 Datasheet HTML 2Page - Faraday Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© Faraday Technology. As part of continual product improvement the specifications, details and dimensions shown in this publication are subject to change without notice
Fara105d.doc
Page 1 of 2
Jul-03(C)
This range of video delay lines is designed to delay 30 MHz bandwidth video signals with
minimum distortion. This range is fully phase equalised and give excellent time and frequency
domain response. They may be cascaded to give a wider range of delay times. Other delay times
within the range can be produced to special order.
• Fixed or programmable delays
• Excellent pulse characteristics
• Small size
• Low Insertion Loss
Delay time (ns)
Insertion Loss (dB)
Order Code
Package
10
< 0.2
DF16B0010
DR00283A
20
< 0.3
DF16B0020
DR00283A
30
< 0.4
DF28B0030
DR00279A
40
< 0.4
DF28B0040
DR00279A
50
< 0.5
DF28B0050
DR00279A
75
< 0.7
DF36B0075
DR00282A
100
< 0.8
DF40B0100
DR00267A
125
< 1.5
DF40B0125
DR00267A
200
< 2.5
DF40B0200
DR00267A
1+2+4+5+8
< 0.4
DP28B0020
DR00278A
1+2+2+5+10+10+20
< 1.5
DP36B0050
DR00281A
2+4+8+16+32
< 0.7
DP28B0062
DR00084B
5+10+20+40
< 1.2
DP40B0075
DR00280A
1+2+4+8+16+32+64
< 2.0
DP48B0127
DR00277A
Common Specifications
Impedance
75 ohms
Tolerance on pulse delay time
± 2% or ± 2 ns
Amplitude ripple to 30 MHz
< 0.2 dB
Group delay ripple to 30 MHz
< 5 ns up to 100 ns
< 10 ns above 100 ns
Pulse and bar k-rating, 2T30
< 0.5%
Temperature range
0 to 70
0C
Aqueous Washable
No
HDTV DELAY LINES
30 MHz Bandwidth


Similar Part No. - DF16B0010

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF16B-14DP-0.5V HIROSE-DF16B-14DP-0.5V Datasheet
236Kb / 6P
0.5mm Pitch SMT Board to Board Connector
DF16B-14DS-0.5V HIROSE-DF16B-14DS-0.5V Datasheet
236Kb / 6P
0.5mm Pitch SMT Board to Board Connector
DF16B-16DP-0.5V HIROSE-DF16B-16DP-0.5V Datasheet
236Kb / 6P
0.5mm Pitch SMT Board to Board Connector
DF16B-16DS-0.5V HIROSE-DF16B-16DS-0.5V Datasheet
236Kb / 6P
0.5mm Pitch SMT Board to Board Connector
DF16B-20DP-0.5V HIROSE-DF16B-20DP-0.5V Datasheet
236Kb / 6P
0.5mm Pitch SMT Board to Board Connector
More results

Similar Description - DF16B0010

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A0805 ETC-A0805 Datasheet
84Kb / 1P
ACTIVE (DIGITAL) DELAY LINES
logo
Murata Manufacturing Co...
MSA1AA001 MURATA-MSA1AA001 Datasheet
36Kb / 1P
Coils/Delay Lines
logo
PCA ELECTRONICS INC.
EP9910-XX PCA-EP9910-XX Datasheet
17Kb / 1P
Mini SIP Passive Delay Lines
logo
Faraday Technology
TCD050B01 FARADAY-TCD050B01 Datasheet
54Kb / 2P
TCD DELAY LINES
DA01A FARADAY-DA01A Datasheet
88Kb / 2P
SMD VIDEO DELAY LINES
FNV180 FARADAY-FNV180 Datasheet
74Kb / 2P
ADJUSTABLE VIDEO DELAY LINES
logo
RCD COMPONENTS INC.
EC3A-1 RCD-EC3A-1 Datasheet
974Kb / 1P
PROGRAMMABLE ECL DELAY LINES
logo
Intersil Corporation
ISL59920 INTERSIL-ISL59920_09 Datasheet
724Kb / 15P
Triple Analog Video Delay Lines
May 28, 2009
logo
PCA ELECTRONICS INC.
EPA087-10A PCA-EPA087-10A Datasheet
39Kb / 1P
Passive Variable Delay Lines
EPA3856G-XX PCA-EPA3856G-XX_15 Datasheet
24Kb / 1P
TTL Compatible Active Delay Lines
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com