Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI-003 Datasheet(PDF) 2 Page - Faraday Technology

Part # PI-003
Description  PARALLEL DATA TO CVBS 10 BIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FARADAY [Faraday Technology]
Direct Link  http://www.faradaytech.com/
Logo FARADAY - Faraday Technology

PI-003 Datasheet(HTML) 2 Page - Faraday Technology

  PI-003 Datasheet HTML 1Page - Faraday Technology PI-003 Datasheet HTML 2Page - Faraday Technology PI-003 Datasheet HTML 3Page - Faraday Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
© Faraday Technology. As part of continual product improvement the specifications, details and dimensions shown in this publication are subject to change without notice
Fara109d.doc
Page 2 of 3
Feb-01(F)
Mechanical Details
The following formats are available:
Format A
DR00212A
STD configuration with low profile pins and BNC connectors for outputs.
Format B
DR00213A
LOW profile pins and MCX connectors for outputs.
Format C
DR00214A
STAND-OFF configuration with BNC outputs.
Format D
DR00245B
LOW profile i/p pins and 0.65mm
2 o/p pins.
Connector Pinout
1
+5V
2
CLK
3
D0
4
D1
5
D2
6
D3
7
D4
8
D5
9
D6
10
D7
11
D8
12
D9
13
+5V
14
+5V
15
A0
16
A1
17
SDA
18
SCL
19
RESET
20
I/O 1
21
I/O 0
22
GND
23
GND
24
GND
25
I/O 2
26
I/O 3
27
I/O 4
28
NC
29
NC
30
NC
31
NC
32
NC
33
NC
34
NC
35
*
36
*
37
-5V
38
-5V
39
-5V
40
NC
41
NC
42
NC
43
NC
44
NC
45
NC
46
ID0
47
ID1
48
ID2
---- option 000 only ----
D0 to D9
Parallel Data Bus D0 LSB , D9 MSB
CLK
Parallel Data clock
SCL, SDA
I2C data and clock lines
*
Not connected on this card but is connected on other cards within the range.
ID0,ID1,ID2
Card type identification code.
I/O 0 – 4
Facilities for code applications/functionality control. Details TBA.
Card Type Identification code.
CARD TYPE
ID2
ID1
ID0
PI-003
0V
+5v
+5v
Ordering codes
Product type
Special variations
Mechanical Package
Requested Options
A,B,C,D
000 = Dual rail +5V
001 = Single rail supply.
PI-003 A YYY X



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com