Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF28B0200 Datasheet(PDF) 1 Page - Faraday Technology

Part # AF28B0200
Description  5.5 MHZ VIDEO DELAY LINES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FARADAY [Faraday Technology]
Direct Link  http://www.faradaytech.com/
Logo FARADAY - Faraday Technology

AF28B0200 Datasheet(HTML) 1 Page - Faraday Technology

  AF28B0200 Datasheet HTML 1Page - Faraday Technology AF28B0200 Datasheet HTML 2Page - Faraday Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© Faraday Technology. As part of continual product improvement the specifications, details and dimensions shown in this publication are subject to change without notice
Fara106d
Page 1 of 2
Sep-05(C)
This range of video delay lines is designed to delay 5.5 MHz bandwidth video signals with minimum distortion. This
range is fully phase equalised and give excellent response to pulse and bar test signals. They may be cascaded to give a
wider range of delay times. Other delay times within the range can be produced to special order.
• Fixed and programmable versions
• Excellent pulse characteristics
• Small size
• Low Insertion Loss
Delay time (ns)
Insertion Loss (dB)
Order Code
10
< 0.1
AF16B0010
20
< 0.1
AF16B0020
30
< 0.2
AF16B0030
40
< 0.2
AF16B0040
50
< 0.2
AF16B0050
75
< 0.3
AF16B0075
100
< 0.3
AF16B0100
200
< 0.5
AF28B0200
300
< 0.8
AF36B0300
400
< 0.9
AF36B0400
500
< 1.0
AF36B0500
600
< 1.7
AF40B0600
700
< 1.8
AF40B0700
800
< 1.9
AF40B0800
900
< 2.0
AF40B0900
1000
< 2.2
AF40B1000
5+10+20+40+80
< 0.4
AP28B0155
5+10+20+40+80+80
< 0.5
AP36B0235
Common Specifications
Impedance
75 ohms
Tolerance on pulse delay time
± 2% or ± 2 ns
Amplitude ripple to 5.5 MHz
< 0.1 dB up to 500 ns
< 0.2 dB up to 1000 ns
Group delay ripple to 5.5 MHz wrt 200 kHz
< ± 5 ns up to 500 ns
< ± 10 ns up to 1000 ns
Return Loss to 5.5 MHz
> 27 dB to 400 ns
> 25 dB to 1000 ns
Pulse and bar k-rating, 2T
< 0.5%
Luminance/Chrominance Gain Inequality (20T)
< 1%
Luminance/Chrominance Delay Inequality
< 5 ns
Temperature range
0 to 70
0 C
Aqueous Washable
Yes
5.5 MHZ VIDEO DELAY LINES


Similar Part No. - AF28B0200

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
AF280C154-12 TEMIC-AF280C154-12 Datasheet
242Kb / 24P
CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
AF280C154-16 TEMIC-AF280C154-16 Datasheet
242Kb / 24P
CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
AF280C154-20 TEMIC-AF280C154-20 Datasheet
242Kb / 24P
CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
AF280C154-25 TEMIC-AF280C154-25 Datasheet
242Kb / 24P
CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
AF280C154-30 TEMIC-AF280C154-30 Datasheet
242Kb / 24P
CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
More results

Similar Description - AF28B0200

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MSA1AA001 MURATA-MSA1AA001 Datasheet
36Kb / 1P
Coils/Delay Lines
logo
Faraday Technology
TCD050B01 FARADAY-TCD050B01 Datasheet
54Kb / 2P
TCD DELAY LINES
DA01A FARADAY-DA01A Datasheet
88Kb / 2P
SMD VIDEO DELAY LINES
DF16B0010 FARADAY-DF16B0010 Datasheet
17Kb / 2P
HDTV DELAY LINES
BF16B0010 FARADAY-BF16B0010 Datasheet
306Kb / 2P
11.0 MHz VIDEO DELAY LINES
FNV180 FARADAY-FNV180 Datasheet
74Kb / 2P
ADJUSTABLE VIDEO DELAY LINES
logo
Intersil Corporation
ISL59920 INTERSIL-ISL59920_09 Datasheet
724Kb / 15P
Triple Analog Video Delay Lines
May 28, 2009
ISL59920 INTERSIL-ISL59920 Datasheet
815Kb / 16P
Triple Analog Video Delay Lines
August 31, 2010
ISL59920IRZ INTERSIL-ISL59920IRZ Datasheet
795Kb / 18P
Triple Analog Video Delay Lines
August 27, 2015
logo
Renesas Technology Corp
ISL59920 RENESAS-ISL59920 Datasheet
1Mb / 18P
Triple Analog Video Delay Lines
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com