Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL0800J Datasheet(PDF) 1 Page - Faraday Technology

Part # SL0800J
Description  GENERAL PURPOSE VIDEO FILTERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FARADAY [Faraday Technology]
Direct Link  http://www.faradaytech.com/
Logo FARADAY - Faraday Technology

SL0800J Datasheet(HTML) 1 Page - Faraday Technology

  SL0800J Datasheet HTML 1Page - Faraday Technology SL0800J Datasheet HTML 2Page - Faraday Technology SL0800J Datasheet HTML 3Page - Faraday Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© Faraday Technology. As part of continual product improvement the specifications, details and dimensions shown in this publication are subject to change
without notice
FARA166d
Page 1 of 2
Dec-99(A)
STEEPNESS FACTOR 1.33
This range of 7-pole Elliptical Function low pass filters is similar to a type which has been successfully used in
Broadcasting for many years but is offered in a 16 pin Single In Line package at reduced costs. The filters are corrected
for group delay distortion over 95% of the passband and for loss distortion over the entire passband. Degradation of a
composite video signal is minimal when a 4.5 MHz or 5.5 MHz filter is selected for a 525 or 625 line T.V. system.
Order Code
End of Passband
Nominal 3 dB
Start of Stopband
Group Delay Ripple
Delay Time
MHz
MHz
MHz
ns
ns
SL0200J
2.00
2.15
2.65
50
1303
SL0250J
2.50
2.68
3.32
40
1043
SL0300J
3.00
3.22
3.98
33
870
SL0350J
3.50
3.75
4.64
29
745
SL0400J
4.00
4.29
5.30
25
652
SL0450J
4.50
4.83
5.97
22
579
SL0500J
5.00
5.36
6.63
20
521
SL0550J
5.50
5.90
7.29
18
475
SL0600J
6.00
6.44
7.96
17
434
SL0650J
6.50
6.97
8.62
15
401
SL0700J
7.00
7.51
9.28
14
372
SL0750J
7.50
8.04
9.95
13
348
SL0800J
8.00
8.58
10.60
13
326
SL0850J
8.50
9.12
11.27
12
307
SL0900J
9.00
9.65
11.94
11
290
SL0950J
9.50
10.19
12.60
10
274
SL1000J
10.00
10.73
13.26
10
261
Other data
Impedance
75 ohms
Insertion Loss
< 1.0 dB
Stopband attenuation wrt 100 kHz
> 45 dB
Amplitude ripple in passband
< 0.2 dB
Video performance for filters of 5.0 MHz (4.25 MHz for 525 line) and above.
Pulse and bar: K - rating
< 0.5 %
Luminance/Chrominance Gain inequality (20T)
< 2 %
Luminance/Chrominance Delay inequality
< 10 ns
Aqueous Washable
Yes
SL…J SERIES
GENERAL PURPOSE VIDEO
FILTERS


Similar Part No. - SL0800J

ManufacturerPart #DatasheetDescription
logo
Faraday Technology
SL0800JB FARADAY-SL0800JB Datasheet
35Kb / 2P
8 MHZ BOXED LOWPASS FILTERS
More results

Similar Description - SL0800J

ManufacturerPart #DatasheetDescription
logo
Faraday Technology
SL0200A FARADAY-SL0200A Datasheet
41Kb / 3P
GENERAL PURPOSE VIDEO FILTERS
logo
Delta Electronics, Inc.
03DBAW5 DELTA-03DBAW5 Datasheet
1Mb / 5P
GENERAL PURPOSE FILTERS
03DEEG3E DELTA-03DEEG3E Datasheet
1Mb / 5P
GENERAL PURPOSE FILTERS
05DBAG5 DELTA-05DBAG5 Datasheet
2Mb / 5P
GENERAL PURPOSE FILTERS
05DKAG5 DELTA-05DKAG5 Datasheet
2Mb / 5P
GENERAL PURPOSE FILTERS
10DBAG5 DELTA-10DBAG5 Datasheet
2Mb / 5P
GENERAL PURPOSE FILTERS
10DKAS5 DELTA-10DKAS5 Datasheet
2Mb / 5P
GENERAL PURPOSE FILTERS
16DKCG5B DELTA-16DKCG5B Datasheet
2Mb / 5P
GENERAL PURPOSE FILTERS
20DBAG5 DELTA-20DBAG5 Datasheet
2Mb / 5P
GENERAL PURPOSE FILTERS
30DKCS5 DELTA-30DKCS5 Datasheet
2Mb / 5P
GENERAL PURPOSE FILTERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com