Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD010 Datasheet(PDF) 2 Page - Faraday Technology

Part # CSD010
Description  SERIAL DIGITAL CONVERTER CARDS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FARADAY [Faraday Technology]
Direct Link  http://www.faradaytech.com/
Logo FARADAY - Faraday Technology

CSD010 Datasheet(HTML) 2 Page - Faraday Technology

  CSD010 Datasheet HTML 1Page - Faraday Technology CSD010 Datasheet HTML 2Page - Faraday Technology CSD010 Datasheet HTML 3Page - Faraday Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
© Faraday Technology. As part of continual product improvement the specifications, details and dimensions shown in this publication are subject to change without notice
Fara350d
Page 2 of 3
Aug-05(A)
INPUT CHARACTERISTICS
Input Signal
Analogue component YPbPr
Line standard
625/50 or 525/60
Levels
0.7Vp-p, 1.0p-p on Y/G inc sync
Input impedance
75 ohm terminating
Input Connectors
2mm pitch pins
Sync Input
Input impedance
75ohm terminating
Reference signal level
300mV nominal with loop-through terminated in 75 ohm
Input connectors
2mm pitch pins
OUTPUT CHARACTERISTICS
Output Signal
10 bit 4:2:2 component, 270 b/s NZRI serial digital video
EBU TECH 3267/ SMPTE RP259-M
Signal Amplitude
800mV ± 10%
Output Impedance
75 ohm
Output Return Loss
>15dB, 5MHz to 270MHz
Output connectors
2mm pitch pins
VIDEO PERFORMANCE
Gain Variation
<1% on any component
Frequency Response
± 0.2dB to 5.5MHz on Y input
± 0.2dB to 2.2MHz Pb, Pr input
Pulse and Bar response
2T <0.5%K Y input
4T <0.5%K Pb, Pr input
Delay Inequality
<10ns between channel
INDICATORS
Sync Reference Error
Red LED
525 Standard
Yellow LED
Power OK
Green LED
Installation Data
see DR00344A
Power supply
+9V dc to +15V dc
-9V dc to –15V dc
________________________________________________________________________
Order Code
CSD010A
sync on Y
CSD010B
EXT sync



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com