Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMB20 Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS

Part # SMB20
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

SMB20 Datasheet(HTML) 1 Page - MIC GROUP RECTIFIERS

  SMB20 Datasheet HTML 1Page - MIC GROUP RECTIFIERS SMB20 Datasheet HTML 2Page - MIC GROUP RECTIFIERS SMB20 Datasheet HTML 3Page - MIC GROUP RECTIFIERS SMB20 Datasheet HTML 4Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
Stand-off Voltage
5.0 to 170 Volts
SMB5.0 THRU SMB170CA
Peak Pulse Power
600 Watts
FEATURES
•
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
•
For surface mounted applications in order to optimize
board space
•
Low profile package
•
Built-in strain relief
•
Glass passivated junction
•
Low incremental surge resistance
•
600W peak pulse power capability with a 10/1000μs
Waveform, repetition rate (duty cycle): 0.01%
•
Excellent clamping capability
•
Fast response time: typically less than 1.0ps from 0 Volts to
V (BR) for unidirectional and 5.0ns for bidirectional types
•
For devices with V (BR) ≥10V, ID are typically ID less than 1.0μA
•
High temperature soldering guaranteed:
250℃/10 seconds at terminals
MECHANICAL DATA
•
Cass: JEDEC DO-214AA,molded plastic body over passivated junction
•
Terminals: Axial leads, solderable per MIL-STD-750, Method 2026
•
Polarity: Color bands denotes positive end (cathode) except bidirectional
•
Mounting position: any
•
Weight: 0.003 ounces, 0.093 gram
DEVICES FOR BIDRECTIONAL APPLICATIONS
•
For bidirectional use C or CA suffix for types SMB-5.0 thru SMB-170 (e.g. SMBG5.0C,SMBJ170CA)
.Electrical Characteristics apply in both directions.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
•
Ratings at 25℃ ambient temperature unless otherwise specified
Ratings
Symbols
Value
Unit
Peak Pulse power dissipation with a 10/1000μs waveform(NOTE1,2,FIG.1)
PPPM
Minimum 600
Watts
Peak Pulse current with a 10/1000μs waveform (NOTE1,FIG.3)
IPPM
See Table 1
Amps
Peak forward surge current, 8.3ms single half sine-wave superimposed
on rated load (JEDEC Method) (Note2,3) – unidirectional only
IFSM
100.0
Amps
Maximum instantaneous forward voltage at 50A (NOTE 3,4)
unidirectional only (NOTE 3)
VF
SEE NOTE 4
Volts
Operating Junction and Storage Temperature Range
TJ, TSTG
50 to +150
℃
Notes:
1.
Non-repetitive current pulse, per Fig.3 and derated above TA=25℃ per Fig.2
2.
Mounted on 0.2×0.2” (5.0×5.0mm) copper pads to each terminal
3.
Measured on 8.3ms single half sine-wave or equivalent square wave duty cycle = 4 pulses per minutes maximum.
4. VF=3.5 V on SMB thru SMB-90 devices and VF=5.0V on SMB-100 thru SMB-170 devices
DO-214AA(SMB)
Dimensions in inches and (millimeters)


Similar Part No. - SMB20

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
SMB20 LITEON-SMB20 Datasheet
37Kb / 4P
SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
Shenzhen Luguang Electr...
SMB20 LUGUANG-SMB20 Datasheet
164Kb / 4P
600Watts Surface Mount Transient Voltage Suppressor
logo
Allied Components Inter...
SMB20-40 ALLIED-SMB20-40 Datasheet
237Kb / 1P
Surface Mount Beads
SMB20-RC ALLIED-SMB20-RC Datasheet
249Kb / 1P
Surface Mount Beads
SMB20-RC ALLIED-SMB20-RC Datasheet
237Kb / 1P
Surface Mount Beads
More results

Similar Description - SMB20

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
1.5SMC75A MDE-1.5SMC75A Datasheet
169Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
SMDJ5.0 DIOTECH-SMDJ5.0 Datasheet
935Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
1.5SMC DIOTECH-1.5SMC Datasheet
1Mb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Microdiode Semiconducto...
SMBJ5.0 CHENDA-SMBJ5.0 Datasheet
2Mb / 5P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
SAMYANG ELECTRONICS CO....
SMF SAMYANG-SMF Datasheet
1Mb / 4P
Surface Mount Transient Voltage Suppressor
logo
Alpha & Omega Semicondu...
1.5SMC6.8 AOSMD-1.5SMC6.8 Datasheet
707Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.1 July 2021
SMAJ5.0A AOSMD-SMAJ5.0A Datasheet
713Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.2 July 2021
SMBJ5.0A AOSMD-SMBJ5.0A Datasheet
706Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.2 July 2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com